Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28341ZCT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28341ZCT
Description  Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28341ZCT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28341ZCT Datasheet HTML 7Page - Cypress Semiconductor CY28341ZCT Datasheet HTML 8Page - Cypress Semiconductor CY28341ZCT Datasheet HTML 9Page - Cypress Semiconductor CY28341ZCT Datasheet HTML 10Page - Cypress Semiconductor CY28341ZCT Datasheet HTML 11Page - Cypress Semiconductor CY28341ZCT Datasheet HTML 12Page - Cypress Semiconductor CY28341ZCT Datasheet HTML 13Page - Cypress Semiconductor CY28341ZCT Datasheet HTML 14Page - Cypress Semiconductor CY28341ZCT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CY28341
Document #: 38-07367 Rev. *A
Page 11 of 21
Vcross
Crossing Point Voltage at 0.7V
Swing
280
430
280
430
280
430
mV
22
P4 Mode CPU at 1.0V
TDC
CPUT/C Duty Cycle
45
55
45
55
45
55
%
11,14,21
TPeriod
CPUT/C Period
9.85
10.2
7.35
7.65
4.85
5.1
nS
11,14,21
Differential
Tr/Tf
CPUT/C Rise and Fall Times
175
467
175
467
175
467
ps
13,15,25
TSKEW
CPUCS_T/C to CPUT/C Clock
Skew
0
200
0
150
0
200
0
11,15,21
TCCJ
CPUT/C Cycle to Cycle Jitter
–150
+150
–150
+150
–200
+200
ps
11,15,21
Vcross
Crossing Point Voltage at 1V
Swing
510
760
510
760
510
760
mV
26
SE-
DeltaSlew
Absolute Single-ended Rise/Fall
Waveform Symmetry
325
325
325
ps
24,31
K7 Mode
TDC
CPUOD_T/C Duty Cycle
45
55
45
55
45
55
%
11,14
TPeriod
CPUOD_T/C Period
9.98
10.5
7.5
8.0
5
5.5
ns
11,14
TLOW
CPUOD_T/C LOW Time
2.8
1.67
2.8
ns
11,14
Tf
CPUOD_T/C Fall Time
0.4
1.6
0.4
1.6
0.4
1.6
ns
11,13
TSKEW
CPUCS_T/C to CPUT/C Clock
Skew
0
200
0
150
0
200
0
11,15,21
TCCJ
CPUOD_T/C Cycle to Cycle Jitter
–150
+150
–150
+150
–200
+200
ps
11,14
VD
Differential Voltage AC
0.4
Vp+.6V
0.4
Vp+.6V
0.4
Vp+.6V
V
20
VX
Differential Crossover Voltage
500
1100
500
1100
500
1100
mV
19
CHIPSET CLOCK
TDC
CPUCS_T/C Duty Cycle
45
55
45
55
45
55
%
7,11,14
TPeriod
CPUCS_T/C Period
10.0
10.5
15
15.5
10.0
10.5
ns
7,11,14
Tr / Tf
CPUCS_T/C Rise and Fall Times
0.4
1.6
0.4
1.6
0.4
1.6
ns
7,11,13
VD
Differential Voltage AC
0.4
Vp+.6V
0.4
Vp+.6V
0.4
Vp+.6V
V
27
VX
Differential Crossover Voltage
0.5*VDDI
– 0.2
0.5*VDDI +
0.2
0.5*VDDI
– 0.2
0.5*VDDI
+ 0.2
0.5*VDDI
– 0.2
0.5*VDDI
+ 0.2
V21
AGP
TDC
AGP(0:2) Duty Cycle
45
55
45
55
45
55
%
7,11,14
TPeriod
AGP(0:2) Period
15
16
15
16
15
16
ns
7,11,14
THIGH
AGP(0:2) HIGH Time
5.25
5.25
5.25
ns
11,16
TLOW
AGP(0:2) LOW Time
5.05
5.05
5.05
ns
11,17
Tr / Tf
AGP(0:2) Rise and Fall Times
0.4
1.6
0.4
1.6
0.4
1.6
ns
11,13
TSKEW
Any AGP to Any AGP clock Skew
250
250
250
ps
11,15
TCCJ
AGP(0:2) Cycle to Cycle Jitter
500
500
500
ps
11,14,15
PCI
TDC
PCI(_F,1:6) Duty Cycle
45
55
45
55
45
55
%
7,11,14
TPeriod
PCI(_F,1:6) Period
30.0
30.0
30.0
ns
7,11,14
THIGH
PCI(_F,1:6) HIGH Time
12.0
12.0
12.0
ns
11,16
TLOW
PCI(_F,1:6) LOW Time
12.0
12.0
12.0
ns
11,17
Tr / Tf
PCI(_F,1:6) Rise and Fall Times
0.5
2.5
0.5
2.5
0.5
2.5
ns
11,13
TSKEW
Any PCI to Any PCI Clock Skew
500
500
500
ps
11,15
TCCJ
PCI(_F,1:6) Cycle to Cycle Jitter
500
500
500
ps
11,14,15
48MHz
TDC
48MHz Duty Cycle
45
55
45
55
45
55
%
7,11,14
TPeriod
48MHz Period
20.8299
20.8333
20.8299 20.8333 20.8299 20.8333
ns
7,11,14
AC Parameters (continued)
Parameter
Description
100 MHz
133MHz
200 MHz
Unit
Notes[4]
Min.
Max.
Min.
Max
Min.
Max


Similar Part No. - CY28341ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341ZCT SPECTRALINEAR-CY28341ZCT Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results

Similar Description - CY28341ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com