Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY28341 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part No. CY28341
Description  Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28341 Datasheet(HTML) 3 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CY28341
Document #: 38-07367 Rev. *A
Page 3 of 21
Note:
2.
PU = internal Pull-up. PD = internal Pull-down. Typically = 250 kW (range 200 kW to 500 kW).
11
SELSDR_DDR#/PCI
1
VDDPCI
I/O
PD
Power-on Bidirectional Input/Output. At power-up, SELSDR_DDR is the
input. When the power supply voltage crosses the input threshold voltage,
SELSDR_DDR state is latched and this pin becomes PCI clock
output.SelSDR_DDR#. = 0, DDR Mode. SelSDR_DDR#. = 1, SDR Mode.
21
FS2/24_48M
VDD48M
I/O
PD
Power-on Bidirectional Input/Output. At power-up, FS2 is the input. When
the power supply voltage crosses the input threshold voltage, FS2 state is
latched and this pin becomes 24_48M, a SIO programmable clock output.
6
AGP0
VDDAG
P
O
AGP Clock Output. Is synchronous to CPU clocks. See Table 1.
8
AGP2
VDDAG
P
O
AGP Clock Output. Is synchronous to CPU clocks. See Table 1.
25
IREF
I
Current reference programming input for CPU buffers. A precise resistor is
attached to this pin, which is connected to the internal current reference.
28
SDATA
I/O
Serial Data Input. Conforms to the Philips I2C specification of a Slave
Receive/Transmit device. It is an input when receiving data. It is an open drain
output when acknowledging or transmitting data.
27
SCLK
I
Serial Clock Input. Conforms to the Philips I2C specification.
26
PD#/SRESET#
I/O
PU
Power-down Input/System Reset Control Output. If Byte6 Bit7 = 0, this pin
becomes a SRESET# open drain output, and the internal pulled up is not active.
See system reset description. If Byte6 Bit7 = 1 (default), this pin becomes PD#
input with an internal pull-up. When PD# is asserted LOW, the device enters
power-down mode. See power management function.
45
BUF_IN
If SelSDR_DDR#.= 0, 2.5V CMOS type input to the DDR differential buffers.If
SelSDR_DDR#.= 1, 3.3V CMOS type input to the SDR buffer.
46
FBOUT
If SelSDR_DDR#.= 0, 2.5V single ended SDRAM buffered output of the signal
applied at BUF_IN. It is in phase with the DDRT(0:5) signals.If
SelSDR_DDR#.= 1, 3.3V single ended SDRAM buffered output of the signal
applied at BUF_IN. It is in phase with the SDRAM(0:11) signals
5
VDDAGP
3.3V Power Supply for AGP clocks
51
VDDC
3.3V Power Supply for CPUT/C clocks
16
VDDPCI
3.3V Power Supply for PCI clocks
55
VDDR
3.3V Power Supply for REF clock
50
VDDI
2.5V Power Supply for CPUCS_T/C clocks
22
VDD48M
3.3V Power Supply for 48M
23
VDD
3.3V Common Power Supply
34,40
VDDD
If SelSDR_DDR#.= 0, 2.5V Power Supply for DDR clocksIf SelSDR_DDR#.=
1, 3.3V Power Supply for SDR clocks.
9
VSSAGP
Ground for AGP clocks
13
VSSPCI
Ground for PCI clocks
54
VSSC
Ground for CPUT/C clocks
33,39
VSSD
Ground for DDR clocks
19
VSS48M
Ground for 48M clock
47
VSSI
Ground for ICPUCS_T/C clocks
24
VSS
Common Ground
Pin Description[2] (continued)
Pin
Name
PWR
I/O
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn