Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103R25S20PC Datasheet(PDF) 3 Page - International Rectifier

Part # SD103R25S20PC
Description  DISCRETE POWER DIODES and THYRISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD103R25S20PC Datasheet(HTML) 3 Page - International Rectifier

  SD103R25S20PC Datasheet HTML 1Page - International Rectifier SD103R25S20PC Datasheet HTML 2Page - International Rectifier SD103R25S20PC Datasheet HTML 3Page - International Rectifier SD103R25S20PC Datasheet HTML 4Page - International Rectifier SD103R25S20PC Datasheet HTML 5Page - International Rectifier SD103R25S20PC Datasheet HTML 6Page - International Rectifier SD103R25S20PC Datasheet HTML 7Page - International Rectifier SD103R25S20PC Datasheet HTML 8Page - International Rectifier SD103R25S20PC Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SD103N/R Series
2222222222222
12
S10
1.0
1.6
21
27
S15
1.5
350
25
-30
2.3
61
37
S20
2.0
3.2
75
39
Voltage
V
RRM
max. repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
T
J
= 125°C
V
V
mA
04
400
500
SD103N/R..S10
08
800
900
10
1000
1100
12
1200
1300
SD103N/R..S15
14
1400
1500
16
1600
1700
20
2000
2100
25
2500
2600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD103N/R..S20
35
I
F(AV)
Max. average forward current
110
A
180° conduction, half sine wave.
@ Case temperature
85
°C
I
F(RMS)
Max. RMS current
173
A
DC @ 75°C case temperature
I
FSM
Max. peak, one-cycle
3570
t = 10ms
No voltage
non-repetitive forward current
3730
t = 8.3ms
reapplied
3000
t = 10ms
100% V
RRM
3140
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
64
t = 10ms
No voltage
Initial T
J
= T
J
max.
58
t = 8.3ms
reapplied
45
t = 10ms
100% V
RRM
41
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
636
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level of threshold voltage
1.36
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
V
F(TO)2
High level of threshold voltage
1.94
(I >
π x I
F(AV)
), T
J
= T
J
max.
r
f1
Low level of forward slope resistance
2.55
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
r
f2
High level of forward slope resistance
1.11
(I >
π x I
F(AV)
), T
J
= T
J
max.
V
FM
Max. forward voltage
2.23
V
Ipk= 345A, T
J
= 25°C, tp = 400 µs square pulse
Parameter
SD103N/R
Units
Conditions
Forward Conduction
KA
2s
A
m
V
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
Test conditions
Max. values @ T
J
= 125°C
Recovery Characteristics
typical t
rr
I
pk
di/dt
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
T
J
= 25 oC
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - SD103R25S20PC

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SD103 RECTRON-SD103 Datasheet
80Kb / 1P
   SCHOTTKY SWITCHING DIODE
logo
Dc Components
SD1030 DCCOM-SD1030 Datasheet
249Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Won-Top Electronics
SD1030 WTE-SD1030 Datasheet
64Kb / 4P
   10A SCHOTTKY BARRIER DIODE
SD1030 WTE-SD1030 Datasheet
68Kb / 4P
   10A SCHOTTKY BARRIER DIODE
SD1030-06 WTE-SD1030-06 Datasheet
64Kb / 4P
   10A SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103R25S20PC

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
STO875 SIRECTIFIER-STO875 Datasheet
304Kb / 3P
   Discrete Thyristors (Isolated)
logo
SEMPO ELECTRONIC Limite...
STYN255 SEMPO-STYN255 Datasheet
140Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN230 ETC2-STYN230 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN255 SIRECTIFIER-STYN255 Datasheet
122Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN210 ETC1-STYN210 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN225 SIRECTIFIER-STYN225 Datasheet
183Kb / 2P
   Discrete Thyristors(SCRs)
STYN1055 SIRECTIFIER-STYN1055 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
STYN216 SIRECTIFIER-STYN216 Datasheet
180Kb / 2P
   Discrete Thyristors(SCRs)
STYN210 SIRECTIFIER-STYN210 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com