Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRWF-21GG-M0.6 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part No. SRWF-21GG-M0.6
Description  Disconnectable Crimp style Wire-to wire connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SRWF-21GG-M0.6 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  SRWF-21GG-M0.6 Datasheet HTML 1Page - JST Mfg. Co., Ltd. SRWF-21GG-M0.6 Datasheet HTML 2Page - JST Mfg. Co., Ltd. SRWF-21GG-M0.6 Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
No. of
circuits
1
RWZ CONNECTOR(Powersupplysystem
structure reinforced type)
Disconnectable Crimp style Wire-to wire connectors
This is the power supply system drawer
connector which realized excellent
toughness and durability by performing the
secure guide and positioning when mating
with assembled metal pin to the receptacle.
In addition to the ease of robust design of
the connection in equipment, provide
safety and security.
Specifications –––––––––––––––––––
• Current rating: The table below shows the current rating for each
combination of number of circuits and wire.
Note: Notes on branch current in parallel connection.
Do not branch in parallel current which exceeds the rated current
to plurality of circuits. If branched in parallel, current imbalance
or other problems may develop. If it is unavoidable to branch
current in parallel, be sure to control imbalance during applying
current. Design the circuits without causing imbalance and
provide an extra margin for current.
• Voltage rating: 250 V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10 mΩ max.
After environmental tests/ 20 mΩ max.
• Insulation resistance: 500 MΩ min.
• Withstanding voltage: 1,500 VAC/minute
• Applicable wire: Conductor size/ AWG #24 to #14
Insulation O.D. / 1.4 to 3.6 mm
• Mounting method: Screw
* In using the products, refer to "Handling Precaution for Terminal
and Connector" described on our website (Technical documents
of Product information page).
* Contact JST for details.
* RoHS2 Compliance
• Floating amount: ± 0.5 mm
• Space saving design
• High reliability contact
• Using the standard M4 screws to securing board


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn