Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFE50-005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IFE50-005
Description  5A FAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IFE50-005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IFE50-005 Datasheet HTML 1Page - List of Unclassifed Manufacturers IFE50-005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5A FAST EFFICIENT RECTIFIER
FEATURES
l
Low power loss, high efficiency
l
Low forward voltage drop
l
High current capability
l
High speed switching
l
High reliability
l
High current surge
l
Glass passivated chip junction
l
Plastic material has UL flammability classification 94V-0
MECHANICAL DATA
l
Case:JEDEC ITO-220 molded plastic.
l
Lead:Solderable per MIL-STD-202, method 208
l
Mounting position:Any
l
Weight: 1.81 grams
CASE: ITO-220
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
IFE50
-005
IFE50
-01
IFE50
-02
IFE50
-03
IFE50
-04
IFE50
-05
IFE50
-06
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
500
600
V
Maximum Average Forward Rectified Current
IO
5.0
A
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load
IFSM
125
A
Typical Junction Capacitance (Note 1)
CJ
85
50
pF
Typical Thermal Resistance (Note 2)
ROJA
2.2
℃/W
Operating Temperature Range
TOP
-55 TO + 150
Storage Temperature Range
TSTG
-55 TO + 150
Maximum Forward Voltage at IO DC
VF
0.98
1.25
1.85
V
Maximum Reverse Current at TA =25℃
IR
10
µA
Maximum Reverse Current at TA = 100℃
IR
100
µA
Maximum Reverse Recovery Time (Note 3)
TRR
25
nS
NOTE:
1. Measured at 1 MHz and applied reverse voltage of 4.0 volts
2. Both leads attached to heat sink 20×20×1t(mm) copper plate at lead length 5mm
3. Reverse recovery test conditions: IF=0.5A, IR=1.0A, IRR=0.25A
IFE50-005
THRU
IFE50-06
FULL POWER
SEMICONDUCTOR
C
F
H
B
D
G
E
12
O
I
PIN 1
PIN 2
J
M
K
L
Millimeters
MIN
MAX
B
C
D
E
F
G
H
I
J
K
L
M
O
9.72
6.30
14.50
13.00
-
4.95
-
-
-
-
2.5
-
Ø3.0
10.27
6.90
15.50
13.80
4.1
5.20
1.52
0.9
4.8
3.1
2.9
0.8
Ø3.4


Similar Part No. - IFE50-005

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IFE5C02 VICOR-IFE5C02 Datasheet
293Kb / 7P
   IFE International AC Front End
IFE5T02 VICOR-IFE5T02 Datasheet
293Kb / 7P
   IFE International AC Front End
More results

Similar Description - IFE50-005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IFE80-06 ETC1-IFE80-06 Datasheet
86Kb / 2P
   8A FAST EFFICIENT RECTIFIER
logo
Frontier Electronics.
FE20-005 FRONTIER-FE20-005 Datasheet
129Kb / 2P
   2A FAST EFFICIENT RECTIFIER
logo
Comchip Technology
EF1A COMCHIP-EF1A Datasheet
82Kb / 2P
   Efficient Fast Recovery Rectifier
logo
General Semiconductor
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Diotec Semiconductor
FX2000A DIOTEC-FX2000A_18 Datasheet
144Kb / 2P
   Fast Efficient Rectifier Diodes
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com