Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS2812B Datasheet(PDF) 3 Page - WORLDSEMI CO., LIMITED

Part # WS2812B
Description  Intelligent control LED integrated light source
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2812B Datasheet(HTML) 3 Page - WORLDSEMI CO., LIMITED

  WS2812B Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2812B Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2812B Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2812B Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2812B Datasheet HTML 5Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WS2812B
Intelligent control LED
integrated light source
Prameter
Smybol
conditions
Min
Tpy
Max
Unit
Input current
II
VI=VDD/VSS
——
——
±1
µA
Input voltage level
VIH
DIN,SET
0.7VDD
——
——
V
VIL
DIN,SET
——
——
0.3 VDD
V
Hysteresis voltage
VH
DIN,SET
——
0.35
——
V
Switching characteristics(TA=-20~+70℃,VDD=4.5~5.5V,VSS=0V,unless otherwise specified)
Prameter
Symbol
Condition
Min
Tpy
Max
Unit
Transmission delay
time
tPLZ
CL=15pF,DIN→
DOUT,RL=10KΩ
——
——
300
ns
Fall time
tTHZ
CL=300pF,OUTR/OU
TG/OUTB
——
——
120
µs
Input capcity
CI
——
——
——
15
pF
RGB IC characteristic parameter
Emitting color
Model
Wavelength(nm)
Luminous intensity(mcd)
Voltage(V)
Red
13CBAUP
620-625
390-420
2.0-2.2
Green
13CGAUP
522-525
660-720
3.0-3.4
Blue
10R1MUX
465-467
180-200
3.0-3.4
Data transfer time( TH+TL=1.25µs±600ns)
T0H
0 code ,high voltage time
0.4us
±150ns
T1H
1 code ,high voltage time
0.8us
±150ns
T0L
0 code , low voltage time
0.85us
±150ns
T1L
1 code ,low voltage time
0.45us
±150ns
RES
low voltage time
Above 50µs
Sequence chart:


Similar Part No. - WS2812B

ManufacturerPart #DatasheetDescription
logo
WORLDSEMI CO., LIMITED
WS2812B-2020 WORLDSEMI-WS2812B-2020 Datasheet
674Kb / 9P
   Intelligent control LED integrated light source
WS2812B-MINI WORLDSEMI-WS2812B-MINI Datasheet
413Kb / 7P
   Intelligent external control LED Integrated light source
WS2812B-MINI-V2 WORLDSEMI-WS2812B-MINI-V2 Datasheet
403Kb / 7P
   Intelligent external control LED Integrated light source
WS2812B-V4 WORLDSEMI-WS2812B-V4 Datasheet
655Kb / 8P
   Intelligent control LED integrated light source
More results

Similar Description - WS2812B

ManufacturerPart #DatasheetDescription
logo
WORLDSEMI CO., LIMITED
WS2812B-2020 WORLDSEMI-WS2812B-2020 Datasheet
674Kb / 9P
   Intelligent control LED integrated light source
WS2812B-V4 WORLDSEMI-WS2812B-V4 Datasheet
655Kb / 8P
   Intelligent control LED integrated light source
logo
List of Unclassifed Man...
WS2813C ETC-WS2813C Datasheet
687Kb / 9P
   Intelligent control LED integrated light source
V1.4 20180719
logo
WORLDSEMI CO., LIMITED
WS2815 WORLDSEMI-WS2815 Datasheet
611Kb / 8P
   Intelligent control LED integrated light source
logo
List of Unclassifed Man...
WS2812 ETC2-WS2812 Datasheet
277Kb / 5P
   Intelligent control LED integrated light source
logo
WORLDSEMI CO., LIMITED
WS2812C WORLDSEMI-WS2812C Datasheet
656Kb / 8P
   Intelligent control LED integrated light source
WS2812C-2020 WORLDSEMI-WS2812C-2020 Datasheet
673Kb / 9P
   Intelligent control LED integrated light source
WS2813E WORLDSEMI-WS2813E Datasheet
596Kb / 8P
   Intelligent control LED integrated light source
WS2815B WORLDSEMI-WS2815B Datasheet
738Kb / 8P
   Intelligent control LED integrated light source
WS2813 WORLDSEMI-WS2813 Datasheet
765Kb / 8P
   Intelligent control LED integrated light source
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com