Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVALU8R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EVALU8R
Description  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EVALU8R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EVALU8R Datasheet HTML 4Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 5Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 6Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 7Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 8Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 9Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 10Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 11Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Evalu8r User Manual V2.00
4
Module Specifications
Evalu8r Technical Specification
Power Input ...........: a. +9 volts DC nominal (+25 volts Max)
................................. b. +9v DC unregulated, or +5v DC regulated.
Power Connectors .: a. Standard 2.5mm ROKA type-centre positive.
.................................
Accepts Equinox Power Supply
................................. b. Screw Terminals to accept external bench PSU.
.................................
Pin 1 +5v
.................................
Pin 2 +9v
.................................
Pin 3 0v.
Serial Port...............: 3-wire asynchronous Communications interface, TxD, RxD, GND (RS-232
................................. compatible).
Serial Connector ....: 9 way female D-type connector, PC compatible via. 1:1 cable
................................. Pin 2 - TxD Output from Evalu8r
................................. Pin 3 - RxD Input to Evalu8r
................................. Pin 5 - GND Signal Ground connection
A/D Convertor........: Simple current source and comparator technique
................................. GND Signal Ground
................................. REF
Voltage ramp from 65uA into
.................................
100nF approx.
................................. AIN
Input to Evalu8r. Max range 0v to
.................................
+5v (clamped)
.................................
Noise filter built-in 10K/100nF approx.
Status Indication....: Power-ON & PROG LED’s.
Sounder ..................: PIEZO type
Device profiles .......: 8, 20 and 40-pin devices are supported. There is room to fit either a 20-pin or a
................................. 40-pin ZIF socket if required.
ISP Compatibility ...: Equinox standard 10-way Header
Other I/O ................: 5 switches and 8 LED’s on 20/40 pin microcontroller port pins.


Similar Part No. - EVALU8R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EvaluationBoard INTERSIL-EvaluationBoard Datasheet
657Kb / 16P
   1.5A, Rad Hard, Positive, High Voltage LDO
More results

Similar Description - EVALU8R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
   Surge Suppressor- State of the art protection for every application
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
   State-of-the-Art SMT Design Industry Standard
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
   State-of-the-Art, High Brightness Chip Technology
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
   Authentication, state-of-the-art security for peripherals and IoT devices
December 2019 Rev 1
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
   STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
List of Unclassifed Man...
TRR2A12F ETC1-TRR2A12F Datasheet
159Kb / 2P
   Miniature, cost-efective switching solution,,state of the art capsule designs
logo
Alpha & Omega Semicondu...
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
logo
Microchip Technology
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com