Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6340QI Datasheet(PDF) 21 Page - Intel Corporation

Part # EN6340QI
Description  Step-Down DC-DC Switching Converter with Integrated Inductor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EN6340QI Datasheet(HTML) 21 Page - Intel Corporation

Back Button EN6340QI Datasheet HTML 17Page - Intel Corporation EN6340QI Datasheet HTML 18Page - Intel Corporation EN6340QI Datasheet HTML 19Page - Intel Corporation EN6340QI Datasheet HTML 20Page - Intel Corporation EN6340QI Datasheet HTML 21Page - Intel Corporation EN6340QI Datasheet HTML 22Page - Intel Corporation EN6340QI Datasheet HTML 23Page - Intel Corporation EN6340QI Datasheet HTML 24Page - Intel Corporation EN6340QI Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Datasheet | Intel® Enpirion® Power Solutions: EN6340QI
Page 21
Figure 6: Efficiency vs. Output Current
For VIN = 5V, VOUT = 3.3V at 4A, η ≈ 94%
η = POUT / PIN = 94% = 0.94
PIN = POUT / η
PIN ≈ 13.2W / 0.94 ≈ 14W
The power dissipation (PD) is the power loss in the system and can be calculated by subtracting the output
power from the input power.
PD = PIN – POUT
= 14W – 13.2W ≈ 0.8W
With the power dissipation known, the temperature rise in the device may be estimated based on the theta JA
value (θJA). The θJA parameter estimates how much the temperature will rise in the device for every watt of
power dissipation. The EN6340QI has a θJA value of 12.5°C/W without airflow.
Determine the change in temperature (ΔT) based on PD and θJA.
ΔT = PD x θJA
ΔT ≈ 0.8W x 12.5°C/W ≈ 10°C
The junction temperature (TJ) of the device is approximately the ambient temperature (TA) plus the change in
temperature. We assume the initial ambient temperature to be 25°C.
TJ = TA + ΔT
TJ ≈ 25°C + 10°C ≈ 35°C
The maximum operating junction temperature (TJMAX) of the device is 125°C, so the device can operate at a
higher ambient temperature. The maximum ambient temperature (TAMAX) allowed can be calculated.
TAMAX = TJMAX – PD x θJA
≈ 125°C – 10°C ≈ 115°C
The maximum ambient temperature the device can reach is 115°C given the input and output conditions. Note
that the efficiency will be slightly lower at higher temperatures and this calculation is an estimate.
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency vs. Output Current
VOUT = 3.3V
CONDITIONS
VIN = 5.0V
13519
September 4, 2018
Rev D


Similar Part No. - EN6340QI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6344C ONSEMI-EN6344C Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
logo
Altera Corporation
EN6347QA ALTERA-EN6347QA Datasheet
1Mb / 25P
   Integrated Inductor
logo
Enpirion, Inc.
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN6347QI ALTERA-EN6347QI Datasheet
2Mb / 24P
   Integrated Inductor
logo
Enpirion, Inc.
EN6347QI-E ENPIRION-EN6347QI-E Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN6340QI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Monolithic Power System...
MPM3606A MPS-MPM3606A Datasheet
1Mb / 23P
   21V/0.6A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610A MPS-MPM3610A Datasheet
805Kb / 23P
   21V/1.2A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Monolithic Power System...
MPM3620A MPS-MPM3620A Datasheet
820Kb / 24P
   24 V/2 A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
logo
Renesas Technology Corp
RAA210040 RENESAS-RAA210040 Datasheet
999Kb / 25P
   5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Apr 13, 2021
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
   5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
logo
Torex Semiconductor
XC9246B65CMR-G TOREX-XC9246B65CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
XC9246B75CMR-G TOREX-XC9246B75CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com