Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD44324365F5-E33-EQ2 Datasheet(PDF) 5 Page - NEC

Part # UPD44324365F5-E33-EQ2
Description  36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD44324365F5-E33-EQ2 Datasheet(HTML) 5 Page - NEC

  UPD44324365F5-E33-EQ2 Datasheet HTML 1Page - NEC UPD44324365F5-E33-EQ2 Datasheet HTML 2Page - NEC UPD44324365F5-E33-EQ2 Datasheet HTML 3Page - NEC UPD44324365F5-E33-EQ2 Datasheet HTML 4Page - NEC UPD44324365F5-E33-EQ2 Datasheet HTML 5Page - NEC UPD44324365F5-E33-EQ2 Datasheet HTML 6Page - NEC UPD44324365F5-E33-EQ2 Datasheet HTML 7Page - NEC UPD44324365F5-E33-EQ2 Datasheet HTML 8Page - NEC UPD44324365F5-E33-EQ2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
Preliminary Data Sheet
M16782EJ1V0DS
µPD44324085, 44324095, 44324185, 44324365
165-pin PLASTIC FBGA (13 x 15)
(Top View)
[
µPD44324185F5-EQ2]
1
2
3
4
5
6
7
8
9
10
11
A
/CQ
VSS
A
R, /W
/BW1
/K
NC
/LD
A
VSS
CQ
B
NC
Q9
D9
A
NC
K
/BW0
A
NC
NC
Q8
C
NC
NC
D10
VSS
A
A
A
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
/DLL
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
A
A
A
VSS
NC
NC
D1
P
NC
NC
Q17
A
A
C
A
A
NC
D0
Q0
R
TDO
TCK
A
A
A
/C
A
A
A
TMS
TDI
A
: Address inputs
TMS
: IEEE 1149.1 Test input
D0 to D17
: Data inputs
TDI
: IEEE 1149.1 Test input
Q0 to Q17
: Data outputs
TCK
: IEEE 1149.1 Clock input
/LD
: Synchronous load
TDO
: IEEE 1149.1 Test output
R, /W
: Read Write input
VREF
: HSTL input reference input
/BW0, /BW1
: Byte Write data select
VDD
: Power Supply
K, /K
: Input clock
VDDQ
: Power Supply
C, /C
: Output clock
VSS
: Ground
CQ, /CQ
: Echo clock
NC
: No connection
ZQ
: Output impedance matching
/DLL
: DLL disable
Remarks 1. Refer to Package Drawing for the index mark.
2. 2A and 10A are expansion addresses: 10A for 72Mb and 2A for 144Mb.


Similar Part No. - UPD44324365F5-E33-EQ2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44324365F5-E37-EQ2-A RENESAS-UPD44324365F5-E37-EQ2-A Datasheet
597Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD44324365F5-E33-EQ2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44164085 NEC-UPD44164085 Datasheet
375Kb / 32P
   18M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44324082 NEC-UPD44324082 Datasheet
396Kb / 40P
   36M-BIT DDRII SRAM 2-WORD BURST OPERATION
logo
Renesas Technology Corp
PD44324185B RENESAS-PD44324185B_15 Datasheet
436Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44324185B RENESAS-UPD44324185B Datasheet
425Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
September 12, 2011
PD46364185B RENESAS-PD46364185B_15 Datasheet
606Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD46364185B RENESAS-UPD46364185B Datasheet
606Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
PD46364185B RENESAS-PD46364185B Datasheet
606Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
R1Q6A7236ABG RENESAS-R1Q6A7236ABG_15 Datasheet
803Kb / 35P
   72-Mbit DDRII SRAM Separate I/O 2-word Burst
PD44164095B RENESAS-PD44164095B_15 Datasheet
480Kb / 35P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD46184095B RENESAS-UPD46184095B Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com