Electronic Components Datasheet Search |
|
IDB45E60 Datasheet(PDF) 2 Page - Infineon Technologies AG |
|
IDB45E60 Datasheet(HTML) 2 Page - Infineon Technologies AG |
2 / 9 page 2003-07-31 Rev.2 Page 2 IDP45E60 IDB45E60 Thermal Characteristics Parameter Symbol Values Unit min. typ. max. Characteristics Thermal resistance, junction - case RthJC - - 0.8 K/W Thermal resistance, junction - ambient, leaded RthJA - - 62 SMD version, device on PCB: @ min. footprint @ 6 cm2 cooling area 1) RthJA - - - 35 62 - Electrical Characteristics, at Tj = 25 °C, unless otherwise specified Parameter Symbol Values Unit min. typ. max. Static Characteristics Reverse leakage current VR=600V, Tj=25°C VR=600V, Tj=150°C IR - - - - 50 3000 µA Forward voltage drop IF=45A, Tj=25°C IF=45A, Tj=150°C VF - - 1.5 1.5 2 - V 1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain connection. PCB is vertical without blown air. |
Similar Part No. - IDB45E60 |
|
Similar Description - IDB45E60 |