Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28326OCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28326OCT
Description  FTG for VIA PT880 Serial Chipset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28326OCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28326OCT Datasheet HTML 3Page - Cypress Semiconductor CY28326OCT Datasheet HTML 4Page - Cypress Semiconductor CY28326OCT Datasheet HTML 5Page - Cypress Semiconductor CY28326OCT Datasheet HTML 6Page - Cypress Semiconductor CY28326OCT Datasheet HTML 7Page - Cypress Semiconductor CY28326OCT Datasheet HTML 8Page - Cypress Semiconductor CY28326OCT Datasheet HTML 9Page - Cypress Semiconductor CY28326OCT Datasheet HTML 10Page - Cypress Semiconductor CY28326OCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
CY28326
Document #: 38-07616 Rev. *A
Page 7 of 23
Byte 4: Control Register
Bit
@Pup
Name/Pin Affected
Description
7
1
48 MHz
48 MHz Output Enable
0 = Disabled, 1 = Enabled
6
1
24_48 MHz
24_48 MHz Output Enable
0 = Disabled, 1 = Enabled
5
1
PCI5
PCI5 Output Enable
0 = Disabled, 1 = Enabled
4
1
PCI4
PCI4 Output Enable
0 = Disabled, 1 = Enabled
3
1
PCI3
PCI3 Output Enable
0 = Disabled, 1 = Enabled
2
1
PCI2
PCI2 Output Enable
0 = Disabled, 1 = Enabled
1
1
PCI1
PCI1 Output Enable
0 = Disabled, 1 = Enabled
0
1
PCI0
PCI0 Output Enable
0 = Disabled, 1 = Enabled
Byte 5: Control Register
Bit
@Pup
Name/Pin Affected
Description
7
1
AGP2
AGP2 Output Enable
0 = Disabled, 1 = Enabled
6
1
AGP1
AGP1 Output Enable
0 = Disabled, 1 = Enabled
5
1
AGP10
AGP0 Output Enable
0 = Disabled, 1 = Enabled
4
1
25 MHz1
25 MHz1 Output Enable
0 = Disabled, 1 = Enabled
3
1
25 MHz0
25 MHz0 Output Enable
0 = Disabled, 1 = Enabled
2
1
PCIF2
PCIF2 Output Enable
0 = Disabled, 1 = Enabled
1
1
PCIF1
PCIF1 Output Enable
0 = Disabled, 1 = Enabled
0
1
PCIF0
PCIF0 Output Enable
0 = Disabled, 1 = Enabled
Byte 6: Control Register
Bit
@Pup
Name/Pin Affected
Description
7
0
Revision ID Bit 3
Revision ID Bit 3
6
0
Revision ID Bit 2
Revision ID Bit 2
5
0
Revision ID Bit 1
Revision ID Bit 1
4
0
Revision ID Bit 0
Revision ID Bit 0
3
1
Vendor ID Bit 3
Vendor ID Bit 3
2
0
Vendor ID Bit 2
Vendor ID Bit 2
1
0
Vendor ID Bit 1
Vendor ID Bit 1
0
0
Vendor ID Bit 0
Vendor ID Bit 0
Byte 7: Fract Aligner Control Register
Bit
@Pup
Name/Pin Affected
Description
7
1
PCI6
PCI6 Output Enable
0 = Disabled, 1 = Enabled


Similar Part No. - CY28326OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28326OCT SPECTRALINEAR-CY28326OCT Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
More results

Similar Description - CY28326OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
logo
Cypress Semiconductor
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
logo
Silicon Laboratories
W311 SILABS-W311 Datasheet
462Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311_05 Datasheet
371Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
SpectraLinear Inc
W311 SPECTRALINEAR-W311 Datasheet
249Kb / 18P
   FTG for VIA??Pro-266 DDR Chipset
CY28312B-2 SPECTRALINEAR-CY28312B-2 Datasheet
189Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W312-02 SPECTRALINEAR-W312-02 Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com