Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF7936AS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF7936AS Datasheet HTML 1Page - NXP Semiconductors PCF7936AS Datasheet HTML 2Page - NXP Semiconductors PCF7936AS Datasheet HTML 3Page - NXP Semiconductors PCF7936AS Datasheet HTML 4Page - NXP Semiconductors PCF7936AS Datasheet HTML 5Page - NXP Semiconductors PCF7936AS Datasheet HTML 6Page - NXP Semiconductors PCF7936AS Datasheet HTML 7Page - NXP Semiconductors PCF7936AS Datasheet HTML 8Page - NXP Semiconductors PCF7936AS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
4
CONFIDENTIAL
1
FEATURES
• Security
Transponder
for
use
in
contactless
authentication applications
• Data transmission and energy supply via LF link
• 32 bit quasi unique device identification (serial number)
and product type identification.
• Fast mutual authentication, 39ms
• 48 bit Secret Key
• 256 bit EEPROM for user data storage (128 bit) and
device configuration/personalization (128 bit)
• EEPROM read/write protection features
• 20 years non-volatile data retention
• More than 100 000 EEPROM erase/write cycles
• Once the memory has been erased by UV, access is
denied
• Read Only emulation modes (H400x, ISO 11784/85 and
PCF7931)
• Excellent sensitivity in read and write mode
• Automotive temperature range: -40°C to +85°C
• Leadless plastic stick package
2
GENERAL DESCRIPTION
The
PCF7936AS is a high performance automotive proof
Security
Transponder
for
vehicle
Immobilization
applications, where the transponder has to identify itself
towards the basestation as an authorized device.
The Security Transponder derives its power supply from
the magnetic field (LF field) established by the basestation.
No additional battery supply is needed. Data is transmitted
by modulating the LF field.
The Security Transponder features secure contactless
authentication, employing a Secret Key and a random
number in order to cipher any communication between the
device and the basestation. The secure contactless
authentication is ideally suited for vehicle immobilization
applications. In addition, the device features a factory
programmed quasi unique serial number that also serves
as product type identification.
If desired, the device may be operated as a Read/write
transponder with access control by password or as a
Read Only transponder.
3
ORDERING INFORMATION
EXTENDED
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
OUTLINE VERSION
RANGE (°C)
PCF 7936AS/3851
SOT3851
leadless plastic stick package
SOT385-1
-40°C to +85°C
PCF 7936AS/3851/C
SOT3851
leadless plastic stick package
SOT385-1
-40°C to +85°C


Similar Part No. - PCF7936AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF7936AS PHILIPS-PCF7936AS Datasheet
39Kb / 1P
   Security Transponder, HITAG 2
July 1998
PCF7936AS PHILIPS-PCF7936AS Datasheet
15Kb / 1P
   Transponders
PCF7936AS PHILIPS-PCF7936AS_V01 Datasheet
39Kb / 1P
   Security Transponder, HITAG 2
July 1998
More results

Similar Description - PCF7936AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF7936AS PHILIPS-PCF7936AS_V01 Datasheet
39Kb / 1P
   Security Transponder, HITAG 2
July 1998
PCF7941ATJ NXP-PCF7941ATJ Datasheet
158Kb / 18P
   Security Transponder and RISC Controller
2013 Oct 15
PCF7946AT PHILIPS-PCF7946AT Datasheet
19Kb / 1P
   Security Transponder plus Remote Keyless Entry
June 1999
PCF7939MA NXP-PCF7939MA Datasheet
224Kb / 5P
   IC TRANSPONDER IMMOBILIZER PLLMC Security and convenience
September 2009
logo
List of Unclassifed Man...
W55MID35 ETC2-W55MID35 Datasheet
327Kb / 10P
   Transponder
logo
Texas Instruments
RI-ACC-SHT3-00 TI1-RI-ACC-SHT3-00 Datasheet
106Kb / 3P
[Old version datasheet]   TRANSPONDER SHEETING
logo
Sonardyne sound in dept...
7815-000-07 SONARDYNE-7815-000-07 Datasheet
143Kb / 2P
   Coastal Transponder
logo
TDK Electronics
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
   Transponder Coils
logo
Pepperl+Fuchs Inc.
IPC03-50P PF-IPC03-50P Datasheet
570Kb / 8P
   RFID Transponder
IPC11-20 PF-IPC11-20 Datasheet
276Kb / 3P
   RFID Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com