Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD44165182F5-E60-EQ1 Datasheet(PDF) 11 Page - NEC

Part # UPD44165182F5-E60-EQ1
Description  18M-BIT QDRII SRAM 2-WORD BURST OPERATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD44165182F5-E60-EQ1 Datasheet(HTML) 11 Page - NEC

Back Button UPD44165182F5-E60-EQ1 Datasheet HTML 7Page - NEC UPD44165182F5-E60-EQ1 Datasheet HTML 8Page - NEC UPD44165182F5-E60-EQ1 Datasheet HTML 9Page - NEC UPD44165182F5-E60-EQ1 Datasheet HTML 10Page - NEC UPD44165182F5-E60-EQ1 Datasheet HTML 11Page - NEC UPD44165182F5-E60-EQ1 Datasheet HTML 12Page - NEC UPD44165182F5-E60-EQ1 Datasheet HTML 13Page - NEC UPD44165182F5-E60-EQ1 Datasheet HTML 14Page - NEC UPD44165182F5-E60-EQ1 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
Data Sheet M15824EJ7V
1DS
µµµµPD44165082, 44165182, 44165362
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
–0.5
+2.9
V
Output supply voltage
VDDQ
–0.5
VDD
V
Input voltage
VIN
–0.5
VDD + 0.5 (2.9 V MAX.)
V
Input / Output voltage
VI/O
–0.5
VDDQ + 0.5 (2.9 V MAX.)
V
Operating ambient temperature
TA
0
70
°C
Storage temperature
Tstg
–55
+125
°C
Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended DC Operating Conditions (TA = 0 to 70
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Note
Supply voltage
VDD
1.7
1.9
V
Output supply voltage
VDDQ
1.4
VDD
V
1
High level input voltage
VIH (DC)
VREF + 0.1
VDDQ + 0.3
V
1, 2
Low level input voltage
VIL (DC)
–0.3
VREF – 0.1
V
1, 2
Clock input voltage
VIN
–0.3
VDDQ + 0.3
V
1, 2
Reference voltage
VREF
0.68
0.95
V
Notes 1. During normal operation, VDDQ must not exceed VDD.
2. Power-up: VIH
≤ VDDQ + 0.3 V and VDD ≤ 1.7 V and VDDQ ≤ 1.4 V for t ≤ 200 ms
Recommended AC Operating Conditions (TA = 0 to 70
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Note
High level input voltage
VIH (AC)
VREF + 0.2
V
1
Low level input voltage
VIL (AC)
VREF – 0.2
V
1
Note 1. Overshoot: VIH (AC)
≤ VDD + 0.7 V for t ≤ TKHKH/2
Undershoot: VIL (AC)
≥ – 0.5 V for t ≤ TKHKH/2
Control input signals may not have pulse widths less than TKHKL (MIN.) or operate at cycle rates less than
TKHKH (MIN.).


Similar Part No. - UPD44165182F5-E60-EQ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44165182A-A RENESAS-UPD44165182A-A Datasheet
587Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44165182AF5-E40-EQ2-A RENESAS-UPD44165182AF5-E40-EQ2-A Datasheet
587Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44165182AF5-E50-EQ2-A RENESAS-UPD44165182AF5-E50-EQ2-A Datasheet
587Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44165182B RENESAS-UPD44165182B Datasheet
464Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
October 6, 2011
UPD44165182BF5-E33-EQ3 RENESAS-UPD44165182BF5-E33-EQ3 Datasheet
464Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
October 6, 2011
More results

Similar Description - UPD44165182F5-E60-EQ1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44165084 NEC-UPD44165084 Datasheet
392Kb / 32P
   18M-BIT QDRII SRAM 4-WORD BURST OPERATION
UPD44325082 NEC-UPD44325082 Datasheet
357Kb / 32P
   36M-BIT QDRII SRAM 2-WORD BURST OPERATION
UPD44164082 NEC-UPD44164082 Datasheet
282Kb / 32P
   18M-BIT DDRII SRAM 2-WORD BURST OPERATION
logo
Renesas Technology Corp
UPD46185092B RENESAS-UPD46185092B Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
PD44165092B RENESAS-PD44165092B_15 Datasheet
476Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
UPD44165092B RENESAS-UPD44165092B Datasheet
464Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
October 6, 2011
PD44164182B RENESAS-PD44164182B_15 Datasheet
528Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46184182B RENESAS-PD46184182B_15 Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD46184182B RENESAS-UPD46184182B Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
PD46184182B RENESAS-PD46184182B Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com