Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD44164362F5-E50-EQ1 Datasheet(PDF) 6 Page - NEC

Part # UPD44164362F5-E50-EQ1
Description  18M-BIT DDRII SRAM 2-WORD BURST OPERATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD44164362F5-E50-EQ1 Datasheet(HTML) 6 Page - NEC

Back Button UPD44164362F5-E50-EQ1 Datasheet HTML 2Page - NEC UPD44164362F5-E50-EQ1 Datasheet HTML 3Page - NEC UPD44164362F5-E50-EQ1 Datasheet HTML 4Page - NEC UPD44164362F5-E50-EQ1 Datasheet HTML 5Page - NEC UPD44164362F5-E50-EQ1 Datasheet HTML 6Page - NEC UPD44164362F5-E50-EQ1 Datasheet HTML 7Page - NEC UPD44164362F5-E50-EQ1 Datasheet HTML 8Page - NEC UPD44164362F5-E50-EQ1 Datasheet HTML 9Page - NEC UPD44164362F5-E50-EQ1 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
Data Sheet M15821EJ7V2DS
µµµµPD44164082, 44164182, 44164362
Pin Identification
Symbol
Description
A0
A
Synchronous Address Inputs: These inputs are registered and must meet the setup and hold times around the
rising edge of K. Balls 3A, 10A, and 2A are reserved for the next higher-order address inputs on future devices.
All transactions operate on a burst of two words (one clock period of bus activity). A0 is used as the lowest
order address bit permitting a random starting address within the burst operation. These inputs are ignored
when device is deselected.
DQ0 to DQxx
Synchronous Data IOs: Input data must meet setup and hold times around the rising edges of K and /K. Output
data is synchronized to the respective C and /C data clocks or to K and /K if C and /C are tied to HIGH.
x8 device uses DQ0 to DQ7.
x18 device uses DQ0 to DQ17.
x36 device uses DQ0 to DQ35.
/LD
Synchronous Load: This input is brought LOW when a bus cycle sequence is to be defined. This definition
includes address and read/write direction. All transactions operate on a burst of 2 data (one clock period of bus
activity).
R, /W
Synchronous Read/Write Input: When /LD is LOW, this input designates the access type (READ when R, /W is
HIGH, WRITE when R, /W is LOW) for the loaded address. R, /W must meet the setup and hold times around
the rising edge of K.
/BWx
/NWx
Synchronous Byte Writes (Nibble Writes on x8): When LOW these inputs cause their respective byte or nibble
to be registered and written during WRITE cycles. These signals must meet setup and hold times around the
rising edges of K and /K for each of the two rising edges comprising the WRITE cycle. See Pin Configurations
for signal to data relationships.
K, /K
Input Clock: This input clock pair registers address and control inputs on the rising edge of K, and registers data
on the rising edge of K and the rising edge of /K. /K is ideally 180 degrees out of phase with K. All synchronous
inputs must meet setup and hold times around the clock rising edges.
C, /C
Output Clock: This clock pair provides a user controlled means of tuning device output data. The rising edge of
/C is used as the output timing reference for first output data. The rising edge of C is used as the output
reference for second output data. Ideally, /C is 180 degrees out of phase with C. C and /C may be tied HIGH to
force the use of K and /K as the output reference clocks instead of having to provide C and /C clocks. If tied
HIGH, C and /C must remain HIGH and not be toggled during device operation.
CQ, /CQ
Synchronous Echo Clock Outputs. The rising edges of these outputs are tightly matched to the synchronous
data outputs and can be used as a data valid indication. These signals run freely and do not stop when Q
tristates.
ZQ
Output Impedance Matching Input: This input is used to tune the device outputs to the system data bus
impedance. DQ and CQ output impedance are set to 0.2 x RQ, where RQ is a resistor from this bump to
ground. This pin cannot be connected directly to GND or left unconnected. Also, in this product, there is no
function to minimize the output impedance by connecting ZQ directly to VDDQ.
/DLL
DLL Disable: When LOW, this input causes the DLL to be bypassed for stable low frequency operation.
TMS
TDI
IEEE 1149.1 Test Inputs: 1.8V I/O levels. These balls may be left Not Connected if the JTAG function is not
used in the circuit.
TCK
IEEE 1149.1 Clock Input: 1.8V I/O levels. This pin must be tied to VSS if the JTAG function is not used in the
circuit.
TDO
IEEE 1149.1 Test Output: 1.8V I/O level.
VREF
HSTL Input Reference Voltage: Nominally VDDQ/2. Provides a reference voltage for the input buffers.
VDD
Power Supply: 1.8V nominal. See DC Characteristics and Operating Conditions for range.
VDDQ
Power Supply: Isolated Output Buffer Supply. Nominally 1.5V. 1.8V is also permissible. See DC Characteristics
and Operating Conditions for range.
VSS
Power Supply: Ground
NC
No Connect: These signals are internally connected and appear in the JTAG scan chain as the logic level
applied to the ball sites. These signals may be connected to ground to improve package heat dissipation.


Similar Part No. - UPD44164362F5-E50-EQ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44164362A-A RENESAS-UPD44164362A-A Datasheet
580Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164362AF5-E33-EQ2-A RENESAS-UPD44164362AF5-E33-EQ2-A Datasheet
580Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164362AF5-E40-EQ2-A RENESAS-UPD44164362AF5-E40-EQ2-A Datasheet
580Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164362AF5-E50-EQ2-A RENESAS-UPD44164362AF5-E50-EQ2-A Datasheet
580Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164362B RENESAS-UPD44164362B Datasheet
517Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
October 6, 2011
More results

Similar Description - UPD44164362F5-E50-EQ1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44164084 NEC-UPD44164084 Datasheet
394Kb / 32P
   18M-BIT DDRII SRAM 4-WORD BURST OPERATION
UPD44164085 NEC-UPD44164085 Datasheet
375Kb / 32P
   18M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44165082 NEC-UPD44165082 Datasheet
385Kb / 32P
   18M-BIT QDRII SRAM 2-WORD BURST OPERATION
UPD44324082 NEC-UPD44324082 Datasheet
396Kb / 40P
   36M-BIT DDRII SRAM 2-WORD BURST OPERATION
logo
Renesas Technology Corp
UPD46185092B RENESAS-UPD46185092B Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
PD44165092B RENESAS-PD44165092B_15 Datasheet
476Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
UPD44165092B RENESAS-UPD44165092B Datasheet
464Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
October 6, 2011
PD44164182B RENESAS-PD44164182B_15 Datasheet
528Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46184182B RENESAS-PD46184182B_15 Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD46184182B RENESAS-UPD46184182B Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com