Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD44164082F5-E50-EQ1 Datasheet(PDF) 1 Page - NEC

Part # UPD44164082F5-E50-EQ1
Description  18M-BIT DDRII SRAM 2-WORD BURST OPERATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD44164082F5-E50-EQ1 Datasheet(HTML) 1 Page - NEC

  UPD44164082F5-E50-EQ1 Datasheet HTML 1Page - NEC UPD44164082F5-E50-EQ1 Datasheet HTML 2Page - NEC UPD44164082F5-E50-EQ1 Datasheet HTML 3Page - NEC UPD44164082F5-E50-EQ1 Datasheet HTML 4Page - NEC UPD44164082F5-E50-EQ1 Datasheet HTML 5Page - NEC UPD44164082F5-E50-EQ1 Datasheet HTML 6Page - NEC UPD44164082F5-E50-EQ1 Datasheet HTML 7Page - NEC UPD44164082F5-E50-EQ1 Datasheet HTML 8Page - NEC UPD44164082F5-E50-EQ1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD44164082, 44164182, 44164362
18M-BIT DDRII SRAM
2-WORD BURST OPERATION
Document No. M15821EJ7V2DS00 (7th edition)
Date Published August 2004 NS CP(K)
Printed in Japan
DATA SHEET
2001
Description
The
µPD44164082 is a 2,097,152-word by 8-bit, the µPD44164182 is a 1,048,576-word by 18-bit and the
µPD44164362 is a 524,288-word by 36-bit synchronous double data rate static RAM fabricated with advanced CMOS
technology using full CMOS six-transistor memory cell.
The
µPD44164082, µPD44164182 and µPD44164362 integrates unique synchronous peripheral circuitry and a
burst counter. All input registers controlled by an input clock pair (K and /K) are latched on the positive edge of K and
/K.
These products are suitable for application which require synchronous operation, high speed, low voltage, high
density and wide bit configuration.
These products are packaged in 165-pin PLASTIC BGA.
Features
• 1.8 ± 0.1 V power supply and HSTL I/O
• DLL circuitry for wide output data valid window and future frequency scaling
• Pipelined double data rate operation
• Common data input/output bus
• Two-tick burst for low DDR transaction size
• Two input clocks (K and /K) for precise DDR timing at clock rising edges only
• Two output clocks (C and /C) for precise flight time
and clock skew matching-clock and data delivered together to receiving device
• Internally self-timed write control
• Clock-stop capability with
µs restart
• User programmable impedance output
• Fast clock cycle time : 4.0 ns (250 MHz), 5.0 ns (200 MHz), 6.0 ns (167 MHz)
• Simple control logic for easy depth expansion
• JTAG boundary scan


Similar Part No. - UPD44164082F5-E50-EQ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44164082A-A RENESAS-UPD44164082A-A Datasheet
580Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164082AF5-E33-EQ2-A RENESAS-UPD44164082AF5-E33-EQ2-A Datasheet
580Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164082AF5-E40-EQ2-A RENESAS-UPD44164082AF5-E40-EQ2-A Datasheet
580Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164082AF5-E50-EQ2-A RENESAS-UPD44164082AF5-E50-EQ2-A Datasheet
580Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD44164082F5-E50-EQ1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44164084 NEC-UPD44164084 Datasheet
394Kb / 32P
   18M-BIT DDRII SRAM 4-WORD BURST OPERATION
UPD44164085 NEC-UPD44164085 Datasheet
375Kb / 32P
   18M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44165082 NEC-UPD44165082 Datasheet
385Kb / 32P
   18M-BIT QDRII SRAM 2-WORD BURST OPERATION
UPD44324082 NEC-UPD44324082 Datasheet
396Kb / 40P
   36M-BIT DDRII SRAM 2-WORD BURST OPERATION
logo
Renesas Technology Corp
UPD46185092B RENESAS-UPD46185092B Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
PD44165092B RENESAS-PD44165092B_15 Datasheet
476Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
UPD44165092B RENESAS-UPD44165092B Datasheet
464Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
October 6, 2011
PD44164182B RENESAS-PD44164182B_15 Datasheet
528Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46184182B RENESAS-PD46184182B_15 Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD46184182B RENESAS-UPD46184182B Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com