Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N261-005-BK Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. N261-005-BK
Description  Augmented Cat6 (Cat6a) Snagless 10G Certified Patch Cable, (RJ45 M/M) - Black, 5-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N261-005-BK Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N261-005-BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N261-005-BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Augmented Cat6 (Cat6a) Snagless 10G Certified
Patch Cable, (RJ45 M/M) - Black, 5-ft.
MODEL NUMBER: N261-005-BK
Description
Tripp Lite's N261-005-BK 5-ft. Black Augmented Cat6 (Cat6a) Unshielded (UTP) Snagless patch cable
allows 10Gbps data transmission over 4-pair copper. Each Cat6a cable is individually tested and certified
on Fluke® test equipment. Snag-free strain relief boot provides the most secure and accurate
connections.
Features
5-ft. Black Cat6a Unshielded (UTP) Snagless Patch Cable - 10Gbps
q
100% FLUKE® tested and certified
q
ETL/UL Verified
q
Supports IEEE 802.3af and is DTE power compliant
q
Backward compatible with all previous 10BaseT generations
q
RJ45 plug improves NEXT performance to 650Mhz
q
24AWG, 4-Pair, Stranded PVC cable
q
Compatible with T568A and T568B wiring
q
Easy disconnect snagless hood
q
PoE rated to four times the standard
q
Highlights
5-ft. Augmented Cat6 (CAT6a)
Unshielded (UTP) Snagless
Patch Cable, Black
q
10Gbps Over Copper
q
Each cable Fluke® Tested and
Verified
q
Package Includes
5-ft. Cat6a Black Patch Cable
q
OVERVIEW
UPC Code
037332187765
1 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn