Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N261-005-BK Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. N261-005-BK
Description  Augmented Cat6 (Cat6a) Snagless 10G Certified Patch Cable, (RJ45 M/M) - Black, 5-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N261-005-BK Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N261-005-BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N261-005-BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
INPUT
Cable Length (ft.)
5
Cable Length (m)
1.5
Cable Length (in.)
60
Cable Length (cm)
152.4
PHYSICAL
Wire Gauge (AWG)
24
Shipping Dimensions (hwd / in.)
9.00 x 7.00 x 0.50
Shipping Dimensions (hwd / cm)
22.86 x 17.78 x 1.27
Shipping Weight (lbs.)
0.16
Shipping Weight (kg)
0.07
Color
Black
Wire Type
Stranded
Snagless Connector
Yes
Cable Shielding
UTP
COMMUNICATIONS
Network Speed
10Gbps
CONNECTIONS
Side A - Connector 1
RJ45 (MALE)
Side B - Connector 1
RJ45 (MALE)
FEATURES & SPECIFICATIONS
Technology
Cat6a
CERTIFICATIONS
Certifications
RoHS Compliant
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn