Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD441000LGW-D15X Datasheet(PDF) 11 Page - NEC

Part # UPD441000LGW-D15X
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD441000LGW-D15X Datasheet(HTML) 11 Page - NEC

  UPD441000LGW-D15X Datasheet HTML 1Page - NEC UPD441000LGW-D15X Datasheet HTML 2Page - NEC UPD441000LGW-D15X Datasheet HTML 3Page - NEC UPD441000LGW-D15X Datasheet HTML 4Page - NEC UPD441000LGW-D15X Datasheet HTML 5Page - NEC UPD441000LGW-D15X Datasheet HTML 6Page - NEC UPD441000LGW-D15X Datasheet HTML 7Page - NEC UPD441000LGW-D15X Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 8 page
background image
Data Sheet M13714EJ5V0DS
11
µµµµPD441000L-X
Read Cycle (3/3) (D version)
Parameter
Symbol
µPD441000L-D12X
µPD441000L-D15X
Unit
Condition
MIN.
MAX.
MIN.
MAX.
Read cycle time
tRC
120
150
ns
Address access time
tAA
120
150
ns
Note 1
/CE1 access time
tCO1
120
150
ns
CE2 access time
tCO2
120
150
ns
/OE to output valid
tOE
60
70
ns
Output hold from address change
tOH
10
10
ns
/CE1 to output in low impedance
tLZ1
10
10
ns
Note 2
CE2 to output in low impedance
tLZ2
10
10
ns
/OE to output in low impedance
tOLZ
55
ns
/CE1 to output in high impedance
tHZ1
40
50
ns
CE2 to output in high impedance
tHZ2
40
50
ns
/OE to output in high impedance
tOHZ
40
50
ns
Notes 1. The output load is 1TTL + 30 pF.
2. The output load is 1TTL + 5 pF.
Remark These AC characteristics are in common regardless of package types.
Read Cycle Timing Chart
tHZ2
tRC
tOH
tHZ1
tLZ2
tCO2
tLZ1
tCO1
tAA
High impedance
Data out
CE2 (Input)
/CE1 (Input)
Address (Input)
I/O (Output)
tOLZ
tOE
tOHZ
/OE (Input)
Remark
In read cycle, /WE should be fixed to high level.


Similar Part No. - UPD441000LGW-D15X

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4416001 NEC-UPD4416001 Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A15-9JF NEC-UPD4416001G5-A15-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A17-9JF NEC-UPD4416001G5-A17-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD4416004G5-A15-9JF NEC-UPD4416004G5-A15-9JF Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
More results

Similar Description - UPD441000LGW-D15X

ManufacturerPart #DatasheetDescription
logo
NEC
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A NEC-UPD431000A Datasheet
227Kb / 32P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112-X NEC-UPD4616112-X Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com