Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD441000LGU-C10X-9KH Datasheet(PDF) 2 Page - NEC

Part # UPD441000LGU-C10X-9KH
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD441000LGU-C10X-9KH Datasheet(HTML) 2 Page - NEC

  UPD441000LGU-C10X-9KH Datasheet HTML 1Page - NEC UPD441000LGU-C10X-9KH Datasheet HTML 2Page - NEC UPD441000LGU-C10X-9KH Datasheet HTML 3Page - NEC UPD441000LGU-C10X-9KH Datasheet HTML 4Page - NEC UPD441000LGU-C10X-9KH Datasheet HTML 5Page - NEC UPD441000LGU-C10X-9KH Datasheet HTML 6Page - NEC UPD441000LGU-C10X-9KH Datasheet HTML 7Page - NEC UPD441000LGU-C10X-9KH Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet M13714EJ5V0DS
2
µµµµPD441000L-X
Ordering Information
Part number
Package
Access time
Operating
Operating
Remark
ns (MAX.)
supply voltage
temperature
V°C
µPD441000LGW-B70X
32-pin Plastic SOP
70
2.7 to 3.6
−25 to +85
B version
µPD441000LGW-B85X
(13.34 mm (525))
85
µPD441000LGW-B10X
100
µPD441000LGU-B70X-9JH
32-pin Plastic TSOP (I)
70
µPD441000LGU-B85X-9JH
(8
×13.4) (Normal bent)
85
µPD441000LGU-B10X-9JH
100
µPD441000LGU-B70X-9KH
32-pin Plastic TSOP (I)
70
µPD441000LGU-B85X-9KH
(8
×13.4) (Reverse bent)
85
µPD441000LGU-B10X-9KH
100
µPD441000LGZ-B70X-KJH
32-pin Plastic TSOP (I)
70
µPD441000LGZ-B85X-KJH
(8
×20) (Normal bent)
85
µPD441000LGZ-B10X-KJH
100
µPD441000LGZ-B70X-KKH
32-pin Plastic TSOP (I)
70
µPD441000LGZ-B85X-KKH
(8
×20) (Reverse bent)
85
µPD441000LGZ-B10X-KKH
100
µPD441000LGW-C10X
32-pin Plastic SOP
100
2.2 to 3.6
C version
µPD441000LGW-C12X
(13.34 mm (525))
120
µPD441000LGU-C10X-9JH
32-pin Plastic TSOP (I)
100
µPD441000LGU-C12X-9JH
(8
×13.4) (Normal bent)
120
µPD441000LGU-C10X-9KH
32-pin Plastic TSOP (I)
100
µPD441000LGU-C12X-9KH
(8
×13.4) (Reverse bent)
120
µPD441000LGZ-C10X-KJH
32-pin Plastic TSOP (I)
100
µPD441000LGZ-C12X-KJH
(8
×20) (Normal bent)
120
µPD441000LGZ-C10X-KKH
32-pin Plastic TSOP (I)
100
µPD441000LGZ-C12X-KKH
(8
×20) (Reverse bent)
120
µPD441000LGW-D12X
32-pin Plastic SOP
120
1.8 to 3.6
D version
µPD441000LGW-D15X
(13.34 mm (525))
150
µPD441000LGU-D12X-9JH
32-pin Plastic TSOP (I)
120
µPD441000LGU-D15X-9JH
(8
×13.4) (Normal bent)
150
µPD441000LGU-D12X-9KH
32-pin Plastic TSOP (I)
120
µPD441000LGU-D15X-9KH
(8
×13.4) (Reverse bent)
150
µPD441000LGZ-D12X-KJH
32-pin Plastic TSOP (I)
120
µPD441000LGZ-D15X-KJH
(8
×20) (Normal bent)
150
µPD441000LGZ-D12X-KKH
32-pin Plastic TSOP (I)
120
µPD441000LGZ-D15X-KKH
(8
×20) (Reverse bent)
150
5


Similar Part No. - UPD441000LGU-C10X-9KH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4416001 NEC-UPD4416001 Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A15-9JF NEC-UPD4416001G5-A15-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A17-9JF NEC-UPD4416001G5-A17-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD4416004G5-A15-9JF NEC-UPD4416004G5-A15-9JF Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
More results

Similar Description - UPD441000LGU-C10X-9KH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A NEC-UPD431000A Datasheet
227Kb / 32P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112-X NEC-UPD4616112-X Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com