Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD444016-Y Datasheet(PDF) 3 Page - NEC

Part # UPD444016-Y
Description  4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444016-Y Datasheet(HTML) 3 Page - NEC

  UPD444016-Y Datasheet HTML 1Page - NEC UPD444016-Y Datasheet HTML 2Page - NEC UPD444016-Y Datasheet HTML 3Page - NEC UPD444016-Y Datasheet HTML 4Page - NEC UPD444016-Y Datasheet HTML 5Page - NEC UPD444016-Y Datasheet HTML 6Page - NEC UPD444016-Y Datasheet HTML 7Page - NEC UPD444016-Y Datasheet HTML 8Page - NEC UPD444016-Y Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
µµµµPD444016-Y
Preliminary Data Sheet M15391EJ1V0DS
Block Diagram
GND
VCC
/WE
/OE
/CS
Input data
controller
Sense amplifier /
Switching circuit
Column decoder
Address buffer
A0
|
A17
Memory cell array
4,194,304 bits
Output data
controller
/LB
/UB
I/O9 - I/O16
I/O1 - I/O8
Truth Table
/CS
/OE
/WE
/LB
/UB
Mode
I/O
Supply current
I/O1 - I/O8
I/O9 - I/O16
H
×
×××
Not selected
High impedance
High impedance
ISB
L
L
H
L
L
Read
DOUT
DOUT
ICC
LH
DOUT
High impedance
H
L
High impedance
DOUT
L
×
LLL
Write
DIN
DIN
LH
DIN
High impedance
H
L
High impedance
DIN
LH
H
××
Output disable
High impedance
High impedance
L
××
H
H
High impedance
High impedance
Remark
× : Don’t care


Similar Part No. - UPD444016-Y

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444016-Y RENESAS-UPD444016-Y Datasheet
528Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD444016-Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444016L-Y NEC-UPD444016L-Y Datasheet
87Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016 NEC-UPD444016 Datasheet
101Kb / 6P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444016L NEC-UPD444016L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com