Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UTCL8115 Datasheet(PDF) 6 Page - Unisonic Technologies

Part No. UTCL8115
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

UTCL8115 Datasheet(HTML) 6 Page - Unisonic Technologies

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UTC L8115
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 6
QW-R123-005,B
Drain Current (mA)
Load Current (mA)
LB/HB Dropout Voltage vs Load Current
Load Current (mA)
2.4
2
4
6
8
12
10
2.3
2.2
2.1
14
16
Vcc=5V
6V
8V
10V
4
010
20
30
40
50
0
2
-2
-4
-6
-8
VCC=5V, VLOV=0V
Ta=70 ℃
Ta=25 ℃
Ta=-40 ℃
2.0
010
20
30
40
50
1.8
1.9
1.7
1.6
1.5
1.4
1.2
1.3
Vcc=5V
Ta=70℃
Ta=25℃
Ta=-40℃
JFET Drain Voltage vs Drain Current
LB/HB Offset Voltage vs Load Current
FUNCTIONAL DIAGRAM
+
-
Vcc
VD set
RCAL
RCAL
(Sets ID)
GND
CNB2
CNB
CNB1
Negative
supply
Gen.
CSUB
CSUB
DN
GN
QN
20μA
+
-
ID Set
ID Sense
+
-
-
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn