Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UTCL8115 Datasheet(PDF) 3 Page - Unisonic Technologies

Part No. UTCL8115
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

UTCL8115 Datasheet(HTML) 3 Page - Unisonic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UTC L8115
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 3
QW-R123-005,B
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated, Ta=25℃, Vcc=5V, ID=10mA, RCAL=33kΩ)
PARAMETER
SYMBOL
TEST CONDITONS
MIN.
TYP.
MAX.
UNIT
Supply Voltage
Vcc
5
10
V
Supply Current
Icc
ID1= ID2 (or ID12)=ID3=0
ID1=0,ID2 (or ID12)= ID3=10mA, VPOL=14V
ID2=0,ID1 (or ID12)= ID3=10mA, VPOL=15.5V
ID1 and ID3=0, ILB=10mA
ID1 and ID3=0, IHB=10mA
8.5
28
28
18
18
15
35
35
25
25
mA
mA
mA
mA
mA
Substrate Voltage
VSUB
(Internally generated)
ICSUB=0
ICSUB=-200μA
-3.05
-2.8
-2.55
-2.4
V
V
Output Noise
Drain Voltage
Gate Voltage
END
ENG
CG=4.7nF,CD=10nF
CG=4.7nF,CD=10nF
0.02
0.005
Vpkpk
Vpkpk
Oscillator Frequency
fo
180
330
800
kHz
GATE CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITONS
MIN.
TYP.
MAX.
UNIT
Output Current Range
IGO
-30
2000
A
Output Voltage
Gate 1 Off
Low
High
VG1O
VG1L
VG1H
ID1=0mA, VPOL=14V, IGO1=-10μA
ID1=12mA, VPOL=15.5V, IGO1=-10μA
ID1=8mA, VPOL=15.5V, IGO1=0μA
-2.5
-2.5
0.4
-2.25
-2.25
0.75
-2.0
-2.0
1.0
V
V
V
Output Voltage
Gate 2 Off
Low
High
VG2O
VG2L
VG2H
ID2=0mA, VPOL=15.5V, IGO2=-10μA
ID2=12mA, VPOL=14V, IGO2=-10μA
ID2=8mA, VPOL=14V, IGO2=0μA
-2.5
-2.5
0.4
-2.25
-2.25
0.75
-2.0
-2.0
1.0
V
V
V
Output Voltage
Gate 3 Low
High
VG3L
VG3H
ID3=12mA, IGO3=-10μA
ID3=8mA, IGO3=0μA
-3.0
0.4
-2.75
0.75
-2.0
1.0
V
V
DRAIN CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITONS
MIN.
TYP.
MAX.
UNIT
Current
ID
8
10
12
mA
Current range
IDrng
Set by RCAL
0
15
mA
Current Change
With Vcc
With Tj
Δ
IDV
Δ
IDT
Vcc=5 ~ 10V
Tj=-40 ~ +80℃
0.5
0.05
%/V
%/℃
Drain 1 Change: High
VD1
ID1=10mA,VPOL=15.5V
2.0
2.2
2.4
V
Drain 2 Change: High
VD2
ID2=10mA,VPOL=14V
2.0
2.2
2.4
V
Drain 3 Change: High
VD3
ID3=10mA,VPOL=15.5V
2.0
2.2
2.4
V
Voltage Change
With Vcc
With Tj
Δ
VDV
Δ
VDT
Vcc=5 ~ 10V
Tj=-40 ~ +80℃
0.5
50
%/V
ppm
Leakage Current
Drain 1
Drain 2
IL1 *
IL2 *
VD1=0.5V,VPOL=14V
VD2=0.5V,VPOL=15.5V
10
10
μ
A
μ
A
* FOR SSOP-20(150mil) package only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn