Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS160PR410 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR410
Description  DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS160PR410 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DS160PR410 Datasheet HTML 16Page - Texas Instruments DS160PR410 Datasheet HTML 17Page - Texas Instruments DS160PR410 Datasheet HTML 18Page - Texas Instruments DS160PR410 Datasheet HTML 19Page - Texas Instruments DS160PR410 Datasheet HTML 20Page - Texas Instruments DS160PR410 Datasheet HTML 21Page - Texas Instruments DS160PR410 Datasheet HTML 22Page - Texas Instruments DS160PR410 Datasheet HTML 23Page - Texas Instruments DS160PR410 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
PCIe Root
Complex
Pre-Cursor: 3.5 dB
Post-Cursor: -6 dB
DS160PR410
RX EQ Boost: 18 dB
TL1
-30 dB @ 8 GHz
TL2
-15 dB @ 8 GHz
PCIe
End Point
RX CTLE: 12 dB
20
DS160PR410
SNLS645 – AUGUST 2019
www.ti.com
Product Folder Links: DS160PR410
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.3 Application Curves
The DS160PR410 is a linear redriver that can be used to extend channel reach of a PCIe link. Normally, PCIe-
compliant TX and RX are equipt with signal-conditioning functions and can handle channel losses of up to 28 dB
at 8 GHz. With the DS160PR410, the total channel loss between a PCIe root complex and an end point can be
up to 45 dB at 8 GHz.
Figure 5 shows an electric link that models a single channel of a PCIe link and eye diagrams measured at
different locations along the link. The source that models a PCIe TX sends a 16-Gbps PRBS-15 signal with P7
presets. After a transmission channel with –30 dB at 8-GHz insertion loss, the eye diagram is fully closed. The
DS160PR410 with its CTLE set to the maximum (18-dB boost) together with the source TX equalization
compensates for the losses of the pre-channel (TL1) and opens the eye at the output of the DS160PR410.
The post-channel (TL2) losses mandate the use of PCIe RX equalization functions such as CTLE and DFE that
are normally available in PCIe-compliant receivers.
Figure 5. PCIe Gen-4 Link Reach Extension Using DS160PR410


Similar Part No. - DS160PR410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
More results

Similar Description - DS160PR410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
SN75LVPE3410 TI1-SN75LVPE3410 Datasheet
1Mb / 29P
[Old version datasheet]   SN75LVPE3410 Quad-Channel PCI-Express 3.0 Linear Redriver
JUNE 2023
SN75LVPE4410 TI1-SN75LVPE4410 Datasheet
1Mb / 29P
[Old version datasheet]   SN75LVPE4410 Quad-Channel PCI Express 4.0 Linear Redriver
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
logo
Texas Instruments
SN65LVPE504 TI-SN65LVPE504 Datasheet
2Mb / 16P
[Old version datasheet]   Quad Channel (Half x4 Lane) PCI Express Gen II Redriver/Equalizer
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
logo
Diodes Incorporated
PI3EQX12908A2 DIODES-PI3EQX12908A2 Datasheet
1Mb / 26P
   8-channel PCI Express Gen 3, 10GbE, SATA3 ReDriver??with Linear Equalization
November 2017 Rev 1-2
logo
Silicon Laboratories
SI53154 SILABS-SI53154 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53154 SKYWORKS-SI53154 Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
logo
Maxim Integrated Produc...
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com