Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD120N18TA-E2-AZ Datasheet(PDF) 6 Page - NEC

Part # UPD120N18TA-E2-AZ
Description  THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD120N18TA-E2-AZ Datasheet(HTML) 6 Page - NEC

Back Button UPD120N18TA-E2-AZ Datasheet HTML 2Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 3Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 4Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 5Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 6Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 7Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 8Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 9Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
S17145EJ2V0DS
6
µPD120Nxx Series
µ PD120N25 (TJ = 25°C, VIN = 5.0 V, IO = 0.15 A, CIN = 0.1 µF, COUT = 10 µF, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VO1
2.45
2.5
2.55
V
Output Voltage
VO2
4.5 V
≤ VIN ≤ 5.5 V, 0 A ≤ IO ≤ 0.3 A
2.425
2.575
V
Line Regulation
REGIN
4.5 V
≤ VIN ≤ 5.5 V
1
30
mV
Load Regulation
REGL
0 A
≤ IO ≤ 0.3 A
2
30
mV
Quiescent Current
IBIAS
IO = 0 A
60
120
µA
Quiescent Current Change
IBIAS
4.5 V
≤ VIN ≤ 5.5 V
25
µA
Output Noise Voltage
Vn
10 kHz
≤ f ≤ 100 kHz
170
µ Vr.m.s.
Ripple Rejection
R•R
f = 1 kHz, 4.5 V
≤ VIN ≤ 5.5 V
60
dB
Dropout Voltage
VDIF
IO = 0.15 A
0.3
0.7
V
Short Circuit Current
IOshort
VIN = 5 V
0.2
A
Peak Output Current
IOpeak
VIN = 5 V
0.3
A
Temperature Coefficient of
Output Voltage
VO/T
IO = 0 A, 0
°C ≤ TJ ≤ 125°C
0.01
mV/
°C
µ PD120N33 (TJ = 25°C, VIN = 5.0 V, IO = 0.15 A, CIN = 0.1 µF, COUT = 10 µF, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VO1
3.234
3.3
3.366
V
Output Voltage
VO2
4.5 V
≤ VIN ≤ 5.5 V, 0 A ≤ IO ≤ 0.3 A
3.201
3.399
V
Line Regulation
REGIN
4.5 V
≤ VIN ≤ 5.5 V
1
30
mV
Load Regulation
REGL
0 A
≤ IO ≤ 0.3 A
2
30
mV
Quiescent Current
IBIAS
IO = 0 A
60
120
µA
Quiescent Current Change
IBIAS
4.5 V
≤ VIN ≤ 5.5 V
25
µA
Output Noise Voltage
Vn
10 kHz
≤ f ≤ 100 kHz
220
µ Vr.m.s.
Ripple Rejection
R•R
f = 1 kHz, 4.5 V
≤ VIN ≤ 5.5 V
60
dB
Dropout Voltage
VDIF
IO = 0.15 A
0.2
0.6
V
Short Circuit Current
IOshort
VIN = 5 V
0.2
A
Peak Output Current
IOpeak
VIN = 5 V
0.3
A
Temperature Coefficient of
Output Voltage
VO/T
IO = 0 A, 0
°C ≤ TJ ≤ 125°C
0.01
mV/
°C


Similar Part No. - UPD120N18TA-E2-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120N18TA RENESAS-UPD120N18TA Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
More results

Similar Description - UPD120N18TA-E2-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com