Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4221B Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # U4221B
Description  Radio Controlled Clock Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4221B Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button U4221B Datasheet HTML 4Page - TEMIC Semiconductors U4221B Datasheet HTML 5Page - TEMIC Semiconductors U4221B Datasheet HTML 6Page - TEMIC Semiconductors U4221B Datasheet HTML 7Page - TEMIC Semiconductors U4221B Datasheet HTML 8Page - TEMIC Semiconductors U4221B Datasheet HTML 9Page - TEMIC Semiconductors U4221B Datasheet HTML 10Page - TEMIC Semiconductors U4221B Datasheet HTML 11Page - TEMIC Semiconductors U4221B Datasheet HTML 12Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
U4221B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A1, 15-May-96
9 (12)
Information Regarding British Transmitter
Station: MSF
Frequency 60 kHz
Transmitting power 50 kW
Location: Teddington, Middlesex
Geographical coordinates: 52
_ 22’N, 01_ 11’W
Time of transmission: permanent, excepting the first
Tuesday of each month from 10.00 h to 14.00 h.
05
10
15
20
25
30
40
50
55
05
10
35
45
year
day of
month
month
day
of
week
hour
minute
minute
identifier
hour + minute
day of week
day + month
year
TIME FRAME 1 MINUTE
TIME FRAME
( index count 1 second)
Parity
check
bits
BST
BST 7 GMT change
impending
500 ms
500 ms
switch over to
the next time frame
80
40
20
10
42
1
10
8
8
4
2
1
18
19
20
21
22
23
24
25
26
27
28
29
30
year
month
17
seconds
93 7528
0
1
Example:
March 1993
Modulation:
The carrier amplitude is reduced at the beginning of each
second for the time of 100 ms (binary zero) or 200 ms
(binary one).
Time Code Format:
It consists of 1 minute time frames. A time frame contains
BCD-coded information of year, month, calendar day,
day of the week, hours and minutes. At the switch-over to
the next time frame, the carrier amplitude is reduced for
500 ms duration.


Similar Part No. - U4221B

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U422 CALOGIC-U422 Datasheet
28Kb / 2P
   N-Channel Dual JFET
logo
Micross Components
U422 MICROSS-U422 Datasheet
276Kb / 1P
   Linear Systems replaces discontinued Siliconix U422
logo
Linear Integrated Syste...
U422 LINEAR-U422 Datasheet
180Kb / 2P
   LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
logo
Tripp Lite. All Rights ...
U422-003 TRIPPLITE-U422-003 Datasheet
159Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B M/M, 3-ft. Length
U422-003-G2 TRIPPLITE-U422-003-G2 Datasheet
160Kb / 3P
   USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B (M/M), 3 ft.
More results

Similar Description - U4221B

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
AK2124 GSG-AK2124 Datasheet
110Kb / 6P
   Radio Controlled Clock Receiver
AK2125 GSG-AK2125 Datasheet
109Kb / 6P
   Radio Controlled Clock Receiver
AK2127 GSG-AK2127 Datasheet
104Kb / 6P
   Radio Controlled Clock Receiver
logo
TEMIC Semiconductors
U4222B TEMIC-U4222B Datasheet
95Kb / 9P
   Radio Controlled Clock Receiver
logo
Nippon Precision Circui...
SM9501A NPC-SM9501A Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9503A NPC-SM9503A Datasheet
120Kb / 9P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
   RADIO CONTROLLED RECEIVER IC
logo
PREMO CORPORATION S.L
RCA-SMD PREMO-RCA-SMD_14 Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
RCA-SMD PREMO-RCA-SMD Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com