Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD444004L Datasheet(PDF) 6 Page - NEC

Part No. UPD444004L
Description  4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444004L Datasheet(HTML) 6 Page - NEC

Back Button UPD444004L Datasheet HTML 2Page - NEC UPD444004L Datasheet HTML 3Page - NEC UPD444004L Datasheet HTML 4Page - NEC UPD444004L Datasheet HTML 5Page - NEC UPD444004L Datasheet HTML 6Page - NEC UPD444004L Datasheet HTML 7Page - NEC UPD444004L Datasheet HTML 8Page - NEC UPD444004L Datasheet HTML 9Page - NEC UPD444004L Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
µµµµPD444004L
Data Sheet M14427EJ4V0DS
AC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
AC Test Conditions
Input Waveform (Rise and Fall Time
≤≤≤≤ 3 ns)
Test Points
GND
3.0 V
1.5 V
1.5 V
Output Waveform
Test Points
1.5 V
1.5 V
Output Load
AC characteristics directed with the note should be measured with the output load shown in Figure 1 or
Figure 2.
Figure 1
Figure 2
(tAA, tACS, tOE, tOH)(tCLZ, tOLZ, tCHZ, tOHZ, tWHZ, tOW)
VTT = +1.5 V
I/O (Output)
50
ZO = 50
30 pF
CL
+3.3 V
I/O (Output)
317
5 pF
CL
351
Remark
CL includes capacitances of the probe and jig, and stray capacitances.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn