Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD444004L Datasheet(PDF) 4 Page - NEC

Part No. UPD444004L
Description  4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444004L Datasheet(HTML) 4 Page - NEC

  UPD444004L Datasheet HTML 1Page - NEC UPD444004L Datasheet HTML 2Page - NEC UPD444004L Datasheet HTML 3Page - NEC UPD444004L Datasheet HTML 4Page - NEC UPD444004L Datasheet HTML 5Page - NEC UPD444004L Datasheet HTML 6Page - NEC UPD444004L Datasheet HTML 7Page - NEC UPD444004L Datasheet HTML 8Page - NEC UPD444004L Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
µµµµPD444004L
Data Sheet M14427EJ4V0DS
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
–0.5
Note to +4.0
V
Input / Output voltage
VT
–0.5
Note to +4.0
V
Operating ambient temperature
TA
0 to 70
°C
Storage temperature
Tstg
–55 to +125
°C
Note –2.0 V (MIN.) (pulse width : 2 ns)
Caution
Exposing the device to stress above those listed in Absolute Maximum Rating could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
High level input voltage
VIH
2.0
VCC+0.3
V
Low level input voltage
VIL
–0.3
Note
+0.8
V
Operating ambient temperature
TA
070
°C
Note –2.0 V (MIN.) (pulse width : 2 ns)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn