Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD444004L Datasheet(PDF) 2 Page - NEC

Part No. UPD444004L
Description  4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444004L Datasheet(HTML) 2 Page - NEC

  UPD444004L Datasheet HTML 1Page - NEC UPD444004L Datasheet HTML 2Page - NEC UPD444004L Datasheet HTML 3Page - NEC UPD444004L Datasheet HTML 4Page - NEC UPD444004L Datasheet HTML 5Page - NEC UPD444004L Datasheet HTML 6Page - NEC UPD444004L Datasheet HTML 7Page - NEC UPD444004L Datasheet HTML 8Page - NEC UPD444004L Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
µµµµPD444004L
Data Sheet M14427EJ4V0DS
Pin Configuration (Marking Side)
/
××× indicates active low signal.
32-pin PLASTIC SOJ (10.16 mm (400))
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A0
A1
A2
A3
A4
/CS
I/O1
VCC
GND
I/O2
/WE
A5
A6
A7
A8
A9
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A19
A18
A17
A16
A15
/OE
I/O4
GND
VCC
I/O3
A14
A13
A12
A11
A10
NC
A0 - A19
: Address Inputs
I/O1 - I/O4 : Data Inputs / Outputs
/CS
: Chip Select
/WE
: Write Enable
/OE
: Output Enable
VCC
: Power supply
GND
: Ground
NC
: No connection
Remark Refer to Package Drawing for the 1-pin index mark.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn