Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD442000AGU-BC10X-9JH Datasheet(PDF) 8 Page - NEC

Part # UPD442000AGU-BC10X-9JH
Description  2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD442000AGU-BC10X-9JH Datasheet(HTML) 8 Page - NEC

Back Button UPD442000AGU-BC10X-9JH Datasheet HTML 4Page - NEC UPD442000AGU-BC10X-9JH Datasheet HTML 5Page - NEC UPD442000AGU-BC10X-9JH Datasheet HTML 6Page - NEC UPD442000AGU-BC10X-9JH Datasheet HTML 7Page - NEC UPD442000AGU-BC10X-9JH Datasheet HTML 8Page - NEC UPD442000AGU-BC10X-9JH Datasheet HTML 9Page - NEC UPD442000AGU-BC10X-9JH Datasheet HTML 10Page - NEC UPD442000AGU-BC10X-9JH Datasheet HTML 11Page - NEC UPD442000AGU-BC10X-9JH Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet M14669EJ7V0DS
8
µµµµPD442000A-X
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) (2/2)
Parameter
Symbol
Test condition
-BC70X, -BC85X, -BC10X -DD85X, -DD10X, -DD12X
Unit
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Input leakage current
ILI
VIN = 0 V to VCC
–1.0
+1.0
–1.0
+1.0
µA
I/O leakage current
ILO
VI/O = 0 V to VCC, /CE1 = VIH or
–1.0
+1.0
–1.0
+1.0
µA
CE2 = VIL or /WE = VIL or /OE = VIH
Operating supply current
ICCA1
/CE1 = VIL, CE2 = VIH,–
30
mA
Minimum cycle time,
VCC
≤ 2.7 V
25
II/O = 0 mA
VCC
≤ 2.2 V
15
ICCA2
/CE1 = VIL, CE2 = VIH,–
4
Cycle time =
,
VCC
≤ 2.7 V
2
II/O = 0 mA
VCC
≤ 2.2 V
1
ICCA3
/CE1
≤ 0.2 V, CE2 ≥ VCC – 0.2 V,
4
Cycle time = 1
µs, II/O = 0 mA,
VIL
≤ 0.2 V,
VCC
≤ 2.7 V
3
VIH
≥ VCC – 0.2 V
VCC
≤ 2.2 V
3
Standby supply current
ISB
/CE1 = VIH or CE2 = VIL
–0.35
mA
VCC
≤ 2.7 V
0.35
VCC
≤ 2.2 V
0.35
ISB1
/CE1
≥ VCC – 0.2 V,
0.1
2
µA
CE2
≥ VCC – 0.2 V
VCC
≤ 2.7 V
0.08
2
VCC
≤ 2.2 V
0.05
1.5
ISB2
CE2
≤ 0.2 V
0.1
2
VCC
≤ 2.7 V
0.08
2
VCC
≤ 2.2 V
0.05
1.5
High level output voltage
VOH
IOH = –0.5 mA
2.4
V
VCC
≤ 2.7 V
1.8
VCC
≤ 2.2 V
1.5
Low level output voltage
VOL
IOL = 1.0 mA
0.4
V
VCC
≤ 2.7 V
0.4
VCC
≤ 2.2 V
0.4
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These DC characteristics are in common regardless of product classification.


Similar Part No. - UPD442000AGU-BC10X-9JH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD442000AGU-BC70X-9JH RENESAS-UPD442000AGU-BC70X-9JH Datasheet
737Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
UPD442000AGU-BC70X-9JH-A RENESAS-UPD442000AGU-BC70X-9JH-A Datasheet
737Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
UPD442000AGU-BC85X-9JH RENESAS-UPD442000AGU-BC85X-9JH Datasheet
737Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
UPD442000AGU-BC85X-9JH-A RENESAS-UPD442000AGU-BC85X-9JH-A Datasheet
737Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD442000AGU-BC10X-9JH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com