Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD444004 Datasheet(PDF) 6 Page - NEC

Part # UPD444004
Description  4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444004 Datasheet(HTML) 6 Page - NEC

Back Button UPD444004 Datasheet HTML 2Page - NEC UPD444004 Datasheet HTML 3Page - NEC UPD444004 Datasheet HTML 4Page - NEC UPD444004 Datasheet HTML 5Page - NEC UPD444004 Datasheet HTML 6Page - NEC UPD444004 Datasheet HTML 7Page - NEC UPD444004 Datasheet HTML 8Page - NEC UPD444004 Datasheet HTML 9Page - NEC UPD444004 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
µµµµPD444004
Data Sheet M14426EJ4V0DS
AC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
AC Test Conditions
Input Waveform (Rise and Fall Time
≤≤≤≤ 3 ns)
Test Points
GND
3.0 V
1.5 V
1.5 V
Output Waveform
Test Points
1.5 V
1.5 V
Output Load
AC characteristics directed with the note should be measured with the output load shown in Figure 1 or
Figure 2.
Figure 1
Figure 2
(tAA, tACS, tOE, tOH)(tCLZ, tOLZ, tCHZ, tOHZ, tWHZ, tOW)
VTT = +1.5 V
I/O (Output)
50
ZO = 50
30 pF
CL
+5.0 V
I/O (Output)
480
5 pF
CL
255
Remark
CL includes capacitances of the probe and jig, and stray capacitances.


Similar Part No. - UPD444004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444004 RENESAS-UPD444004 Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD444004L NEC-UPD444004L Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
logo
Renesas Technology Corp
UPD444004L RENESAS-UPD444004L Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
UPD444004LE-10 RENESAS-UPD444004LE-10 Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
UPD444004LE-10-A RENESAS-UPD444004LE-10-A Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD444004

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444004L NEC-UPD444004L Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
UPD444016 NEC-UPD444016 Datasheet
101Kb / 6P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444008L NEC-UPD444008L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD444016L NEC-UPD444016L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444008 NEC-UPD444008 Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD4416016 NEC-UPD4416016 Datasheet
92Kb / 12P
   16M-BIT CMOS FAST SRAM 1M-WORD BY 16-BIT
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com