Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C8M32SA-6BCN Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C8M32SA-6BCN
Description  Fully synchronous operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M32SA-6BCN Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C8M32SA-6BCN Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C8M32SA-6BCN Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C8M32SA-6BCN Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C8M32SA-6BCN Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C8M32SA-6BCN Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C8M32SA-6BCN Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C8M32SA-6BCN Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C8M32SA-6BCN Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C8M32SA-6BCN Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Table 16. Electrical Characteristics and Recommended A.C. Operating Conditions
(VDD = 3.3V 0.3V, TA = -40~85°C) (Note: 5, 6, 7, 8)
Symbol
A.C. Parameter
-6
-7
Unit Note
Min.
Max.
Min.
Max.
tRC
Row cycle time (same bank)
60
-
63
-
ns
tRCD
RAS# to CAS# delay (same bank)
18
-
21
-
tRP
Precharge to refresh/row activate command
(same bank)
18
-
21
-
tRRD
Row activate to row activate delay
(different banks)
12
-
14
-
tRAS
Row activate to precharge time
(same bank)
42
100k
42
100k
tWR
Write recovery time
12
-
14
-
tCK
Clock cycle time
CL* = 2
10
-
10
-
9
CL* = 3
6
-
7
-
tCH
Clock high time
2
-
2.5
-
10
tCL
Clock low time
2
-
2.5
-
10
tAC
Access time from CLK
(positive edge)
CL* = 2
-
6
-
6
10
CL* = 3
-
5
-
5.4
tOH
Data output hold time
2.5
-
2.5
-
9
tLZ
Data output low impedance
0
-
0
-
tHZ
Data output high impedance
-
5
-
5.4
8
tIS
Data/Address/Control Input set-up time
1.5
-
1.5
-
10
tIH
Data/Address/Control Input hold time
0.8
-
0.8
-
10
tPDE
Power Down Exit set-up time
tIS+ tCK
-
tIS+ tCK
-
tREFI
Average Refresh Interval time
-
15.6
-
15.6
s
tXSR
Exit Self Refresh to any command time
tIS+ tRC
-
tIS+ tRC
-
ns
*
CL is CAS Latency.
Note:
1. Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. Absolute maximum DC requirements contain stress ratings only. Functional operation at the
absolute maximum limits is not implied or guaranteed. Extended exposure to maximum ratings may
affect device reliability.
2. All voltages are referenced to VSS. VIH (Max) = 4.6V for pulse width ≤ 3ns. VIL (Min) = -1.0V for pulse
width ≤ 3ns.
3. These parameters depend on the cycle rate and these values are measured by the cycle rate under the
minimum value of tCK and tRC. Input signals are changed one time during every 2 tCK.
4. These parameters depend on the output loading. Specified values are obtained with the output open.
5. Power-up sequence is described in Note 11.
6. A.C. Test Conditions
AS4C8M32SA-6BIN / AS4C8M32SA-6BCN
AS4C8M32SA-7BIN / AS4C8M32SA-7BCN
Confidential
- 21 of 55 -
Rev.1.0 Nov. 2016


Similar Part No. - AS4C8M32SA-6BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6BIN ALSC-AS4C8M32S-6BIN Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C8M32S-7BCN ALSC-AS4C8M32S-7BCN Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-7TCN ALSC-AS4C8M32S-7TCN Datasheet
1Mb / 54P
   Fully synchronous operation
More results

Similar Description - AS4C8M32SA-6BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com