Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD442000AGU-BB70X-9JH Datasheet(PDF) 1 Page - NEC

Part # UPD442000AGU-BB70X-9JH
Description  2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD442000AGU-BB70X-9JH Datasheet(HTML) 1 Page - NEC

  UPD442000AGU-BB70X-9JH Datasheet HTML 1Page - NEC UPD442000AGU-BB70X-9JH Datasheet HTML 2Page - NEC UPD442000AGU-BB70X-9JH Datasheet HTML 3Page - NEC UPD442000AGU-BB70X-9JH Datasheet HTML 4Page - NEC UPD442000AGU-BB70X-9JH Datasheet HTML 5Page - NEC UPD442000AGU-BB70X-9JH Datasheet HTML 6Page - NEC UPD442000AGU-BB70X-9JH Datasheet HTML 7Page - NEC UPD442000AGU-BB70X-9JH Datasheet HTML 8Page - NEC UPD442000AGU-BB70X-9JH Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
2M-BIT CMOS STATIC RAM
256K-WORD BY 8-BIT
EXTENDED TEMPERATURE OPERATION
MOS INTEGRATED CIRCUIT
µµµµPD442000A-X
DATA SHEET
Document No. M14669EJ7V0DS00 (7th edition)
Date Published October 2002 NS CP (K)
Printed in Japan
The mark 5
5
5
5 shows major revised points.
Description
The
µPD442000A-X is a high speed, low power, 2,097,152 bits (262,144 words by 8 bits) CMOS static RAM.
The
µPD442000A-X has two chip enable pins (/CE1, CE2) to extend the capacity. And battery backup is available.
The
µPD442000A-X is packed in 32-pin PLASTIC TSOP (I) (Normal bent) and 32-pin PLASTIC TSOP (I) (Reverse
bent).
Features
• 262,144 words by 8 bits organization
• Fast access time : 55, 70, 85, 100, 120 ns (MAX.)
• Low voltage operation : VCC = 2.7 to 3.6 V (-BB55X, -BB70X, -BB85X)
VCC = 2.2 to 3.6 V (-BC70X, -BC85X, -BC10X)
VCC = 1.8 to 2.2 V (-DD85X, -DD10X, -DD12X)
• Low VCC data retention : 1.0 V (MIN.)
• Operating ambient temperature : TA = –25 to +85 °C
• Output Enable input for easy application
• Two Chip Enable inputs : /CE1, CE2
µPD442000A
Access time
Operating supply Operating ambient
Supply current
ns (MAX.)
voltage
temperature
At operating
At standby
At data retention
V°C
mA (MAX.)
µA (MAX.)
µA (MAX.)
-BB55X, -BB70X, -BB85X
55, 70, 85
2.7 to 3.6
−25 to +85
30
Note
21
-BC70X, -BC85X, -BC10X
70, 85, 100
2.2 to 3.6
30
-DD85X, -DD10X, -DD12X
85, 100, 120
1.8 to 2.2
15
1.5
Note Cycle time
≥ 70 ns, -BB55X : 35 mA


Similar Part No. - UPD442000AGU-BB70X-9JH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD442000AGU-BB70X-9JH RENESAS-UPD442000AGU-BB70X-9JH Datasheet
737Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
UPD442000AGU-BB70X-9JH-A RENESAS-UPD442000AGU-BB70X-9JH-A Datasheet
737Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD442000AGU-BB70X-9JH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com