Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD442002-X Datasheet(PDF) 11 Page - NEC

Part # UPD442002-X
Description  2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD442002-X Datasheet(HTML) 11 Page - NEC

Back Button UPD442002-X Datasheet HTML 7Page - NEC UPD442002-X Datasheet HTML 8Page - NEC UPD442002-X Datasheet HTML 9Page - NEC UPD442002-X Datasheet HTML 10Page - NEC UPD442002-X Datasheet HTML 11Page - NEC UPD442002-X Datasheet HTML 12Page - NEC UPD442002-X Datasheet HTML 13Page - NEC UPD442002-X Datasheet HTML 14Page - NEC UPD442002-X Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet M14670EJ7V
1DS
11
µµµµPD442002-X
Read Cycle Timing Chart
tRC
tOH
tHZ
tBLZ
tBA
tLZ
tACS
tBHZ
tAA
High-Z
Data out
/LB, /UB (Input)
/CS (Input)
Address (Input)
I/O (Output)
tOLZ
tOE
tOHZ
/OE (Input)
Remark In read cycle, /WE should be fixed to high level.


Similar Part No. - UPD442002-X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD442002-X RENESAS-UPD442002-X Datasheet
771Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD442002-X

ManufacturerPart #DatasheetDescription
logo
NEC
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4632312A-X NEC-UPD4632312A-X Datasheet
320Kb / 36P
   32M-BIT CMOS MOBILE SPECIFIED RAM 2M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD46128512-X NEC-UPD46128512-X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com