Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD442002-X Datasheet(PDF) 6 Page - NEC

Part # UPD442002-X
Description  2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD442002-X Datasheet(HTML) 6 Page - NEC

Back Button UPD442002-X Datasheet HTML 2Page - NEC UPD442002-X Datasheet HTML 3Page - NEC UPD442002-X Datasheet HTML 4Page - NEC UPD442002-X Datasheet HTML 5Page - NEC UPD442002-X Datasheet HTML 6Page - NEC UPD442002-X Datasheet HTML 7Page - NEC UPD442002-X Datasheet HTML 8Page - NEC UPD442002-X Datasheet HTML 9Page - NEC UPD442002-X Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet M14670EJ7V
1DS
6
µµµµPD442002-X
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
-BB70X, -BC70X
-DD85X, -DD10X
Supply voltage
VCC
–0.5
Note to +4.0
–0.5
Note to +2.7
V
Input / Output voltage
VT
–0.5
Note to VCC+0.4 (4.0 V MAX.) –0.5 Note to VCC+0.4 (2.7 V MAX.)
V
Operating ambient temperature
TA
–25 to +85
–25 to +85
°C
Storage temperature
Tstg
–55 to +125
–55 to +125
°C
Note –3.0 V (MIN.) (Pulse width : 30 ns)
Caution Exposing the device to stress above those listed in Absolute Maximum Rating could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
-BB70X
-BC70X
-DD85X, -DD10X
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Supply voltage
VCC
2.7
3.6
2.2
3.6
1.8
2.2
V
High level input voltage
VIH
2.7 V
≤ VCC ≤ 3.6 V
2.4
VCC+0.4
2.4
VCC+0.4
V
2.2 V
≤ VCC < 2.7 V
2.0
VCC+0.3
1.8 V
≤ VCC < 2.2 V
1.6
VCC+0.2
Low level input voltage
VIL
–0.3
Note
+0.5
–0.3
Note
+0.4
–0.2
Note
+0.2
V
Operating ambient
TA
–25
+85
–25
+85
–25
+85
°C
temperature
Note –1.0 V (MIN.) (Pulse width : 20 ns)
Capacitance (TA = 25
°°°°C, f = 1 MHz)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
VIN = 0 V
8
pF
Input / Output capacitance
CI/O
VI/O = 0 V
10
pF
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These parameters are not 100% tested.


Similar Part No. - UPD442002-X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD442002-X RENESAS-UPD442002-X Datasheet
771Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD442002-X

ManufacturerPart #DatasheetDescription
logo
NEC
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4632312A-X NEC-UPD4632312A-X Datasheet
320Kb / 36P
   32M-BIT CMOS MOBILE SPECIFIED RAM 2M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD46128512-X NEC-UPD46128512-X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com