Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1001AI1-T Datasheet(PDF) 21 Page - Microchip Technology

Part # DSC1001AI1-T
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1001AI1-T Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSC1001AI1-T Datasheet HTML 16Page - Microchip Technology DSC1001AI1-T Datasheet HTML 17Page - Microchip Technology DSC1001AI1-T Datasheet HTML 18Page - Microchip Technology DSC1001AI1-T Datasheet HTML 19Page - Microchip Technology DSC1001AI1-T Datasheet HTML 20Page - Microchip Technology DSC1001AI1-T Datasheet HTML 21Page - Microchip Technology DSC1001AI1-T Datasheet HTML 22Page - Microchip Technology DSC1001AI1-T Datasheet HTML 23Page - Microchip Technology DSC1001AI1-T Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2017 Microchip Technology Inc.
DS20005529B-page 21
DSC1001/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
DSC1001AE1-010.0000T:
1.8V - 3.3V Low-Power Pre-
cision CMOS Oscillator, 4-
Lead 7.0 mm x 5.0 mm
DFN, Ext. Commercial Tem-
perature Range, ±50 ppm,
10 MHz Output Fre-
quency, 1,000/Reel
b)
DSC1003BL2-030.0000:
1.8V - 3.3V Low-Power Pre-
cision CMOS Oscillator, 4-
Lead 5.0 mm x 3.2 mm
CDFN, Ext. Industrial Tem-
perature Range, ±25 ppm,
30 MHz
Output
Fre-
quency, 110/Tube
c)
DSC1001DE5-150.0000:
1.8V - 3.3V Low-Power Pre-
cision CMOS Oscillator, 4-
Lead 2.5 mm x 2.0 mm
CDFN, Ext. Commercial
Temperature
Range,
±10 ppm,
150 MHz Output
Frequency, 110/Tube
d)
DSC1004AI3-075.0000T:
1.8V - 3.3V Low-Power
Precision CMOS Oscilla-
tor, 4-Lead 7.0 mm x
5.0 mm DFN, Industrial
Temperature Range,
±20 ppm,
75 MHz
Output Frequency,
1,000/Reel
PART NO.
X
X
Package
Stability
Device
Device:
DSC1001/3/4: 1.8V - 3.3V Low-Power Precision CMOS
Oscillator
Package:
A
=
4-Lead 7.0 mm x 5.0 mm DFN
B
=
4-Lead 5.0 mm x 3.2 mm CDFN
C
=
4-Lead 3.2 mm x 2.5 mm CDFN
D
=
4-Lead 2.5 mm x 2.0 mm CDFN
Temperature
Range:
E
=
–20
C to +70C (Extended Commercial)
I
=
–40
C to +85C (Industrial)
L
=
–40
C to +105C (Extended Industrial)
Stability:
1
=
±50ppm
2
=
±25ppm
3=
±20 ppm
5=
±10 ppm
Frequency:
xxx.xxxx
= 1 MHz to 150 MHz (user-defined)
Packing Option:
<blank>=
110/Tube
T
=
1,000/Reel
X
Package
X
Temperature
Range
-XXX.XXXX
Frequency
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.


Similar Part No. - DSC1001AI1-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1001AI1 MICREL-DSC1001AI1 Datasheet
644Kb / 7P
   Low-Power Precision CMOS Oscillator
More results

Similar Description - DSC1001AI1-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSA1001 MICROCHIP-DSA1001 Datasheet
638Kb / 22P
   1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
10/25/17
logo
Kyocera Kinseki Corpota...
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
   CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
   Low Power Precision CMOS
EMEM8004 EUROQUARTZ-EMEM8004 Datasheet
273Kb / 5P
   Programmable Low Power Precision CMOS
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
logo
EUROQUARTZ limited
EMEM8003 EUROQUARTZ-EMEM8003 Datasheet
272Kb / 5P
   Programmable Low Power Precision CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com