Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1001AE1-T Datasheet(PDF) 5 Page - Microchip Technology

Part # DSC1001AE1-T
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1001AE1-T Datasheet(HTML) 5 Page - Microchip Technology

  DSC1001AE1-T Datasheet HTML 1Page - Microchip Technology DSC1001AE1-T Datasheet HTML 2Page - Microchip Technology DSC1001AE1-T Datasheet HTML 3Page - Microchip Technology DSC1001AE1-T Datasheet HTML 4Page - Microchip Technology DSC1001AE1-T Datasheet HTML 5Page - Microchip Technology DSC1001AE1-T Datasheet HTML 6Page - Microchip Technology DSC1001AE1-T Datasheet HTML 7Page - Microchip Technology DSC1001AE1-T Datasheet HTML 8Page - Microchip Technology DSC1001AE1-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2017 Microchip Technology Inc.
DS20005529B-page 5
DSC1001/3/4
Jitter, Max.
Cycle-to-Cycle
JCC
50
ps
f = 100 MHz (Note 2)
Period Jitter
JP
5
10
psRMS f = 100 MHz (Note 2)
VDD = 3.3V
Supply Current, No Load
IDD
6.0
6.5
mA
1 MHz
CL = 0 pF,
RL = ∞,
T = +25°C
6.8
8.0
27 MHz
8.2
10.5
70 MHz
10.8
16.6
150 MHz
Output Logic Level High
VOH
0.9 x VDD
V
–8 mA, DSC1004, CL = 40 pF
0.9 x VDD
–6 mA, DSC1003, CL = 25 pF
0.8 x VDD
–4 mA, DSC1001, CL = 15 pF
Output Logic Level Low
VOL
0.1 x VDD
V
8 mA, DSC1004, CL = 40 pF
0.1 x VDD
6 mA, DSC1003, CL = 25 pF
0.2 x VDD
4 mA, DSC1001, CL = 15 pF
Output Transition Rise
Time
tR
1.0
2.0
ns
DSC1001, CL =
15 pF
T = +25°C,
20% to 80%
1.1
2.0
DSC1003, CL =
25 pF
1.2
2.0
DSC1004, C2 =
40 pF
Output Transition Fall
Time
tF
0.9
2.0
ns
DSC1001, CL =
15 pF
T = +25°C,
20% to 80%
1.0
2.0
DSC1003, CL =
25 pF
1.1
2.0
DSC1004, C2 =
40 pF
Jitter, Max.
Cycle-to-Cycle
JCC
50
ps
f = 100 MHz (Note 2)
Period Jitter
JP
5
10
psRMS f = 100 MHz (Note 2)
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
VDD = 1.8 to 3.3V; TA = +85°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
tSU is time to stable output frequency after VDD is applied. tSU and tEN (after EN is asserted) are identical
values.
2:
Measured over 50k clock cycles.


Similar Part No. - DSC1001AE1-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1001AE1 MICREL-DSC1001AE1 Datasheet
644Kb / 7P
   Low-Power Precision CMOS Oscillator
More results

Similar Description - DSC1001AE1-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSA1001 MICROCHIP-DSA1001 Datasheet
638Kb / 22P
   1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
10/25/17
logo
Kyocera Kinseki Corpota...
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
   CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
   Low Power Precision CMOS
EMEM8004 EUROQUARTZ-EMEM8004 Datasheet
273Kb / 5P
   Programmable Low Power Precision CMOS
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
logo
EUROQUARTZ limited
EMEM8003 EUROQUARTZ-EMEM8003 Datasheet
272Kb / 5P
   Programmable Low Power Precision CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com