Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD168111A Datasheet(PDF) 19 Page - NEC

Part # UPD168111A
Description  MICROSTEP DRIVER FOR DRIVING CAMERA LENS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168111A Datasheet(HTML) 19 Page - NEC

Back Button UPD168111A Datasheet HTML 15Page - NEC UPD168111A Datasheet HTML 16Page - NEC UPD168111A Datasheet HTML 17Page - NEC UPD168111A Datasheet HTML 18Page - NEC UPD168111A Datasheet HTML 19Page - NEC UPD168111A Datasheet HTML 20Page - NEC UPD168111A Datasheet HTML 21Page - NEC UPD168111A Datasheet HTML 22Page - NEC UPD168111A Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet D16536EJ1V0DS
19
µµµµ PD168111A
Example of setting start point wait and start point excitation wait
D5 … D0 and Db … D6
Set Value (
µs)
000000
Prohibited
000001
32
000010
64
::
111101
1952
111110
1984
111111
2016
Caution “000000” cannot be set but the default value immediately after reset is “000000”. This default
value is used only for dummy data. Be sure to set a value other than “000000”.


Similar Part No. - UPD168111A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168111A RENESAS-UPD168111A Datasheet
471Kb / 41P
   MOS INTEGRATED CIRCUIT
2003
UPD168111AMA-6A5-A RENESAS-UPD168111AMA-6A5-A Datasheet
471Kb / 41P
   MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD168111A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD168111 NEC-UPD168111 Datasheet
258Kb / 39P
   MICROSTEP DRIVER FOR DRIVING CAMERA LENS
UPD168110 NEC-UPD168110 Datasheet
200Kb / 18P
   MICROSTEP DRIVER FOR DRIVING CAMERA LENS
UPD168112 NEC-UPD168112 Datasheet
155Kb / 28P
   SERIAL CONTROL H-BRIDGE DRIVER FOR CAMERA LENS DRIVING
logo
Sanyo Semicon Device
LV8483CS SANYO-LV8483CS Datasheet
157Kb / 9P
   For Camera Modules Composite Channel Lens Driver
logo
Ceramate Technical
CMD8649 CERAMATE-CMD8649 Datasheet
228Kb / 8P
   Lens Motor Driver for Digital Still Camera
logo
Pepperl+Fuchs Inc.
VOS-LE-C-8MM PF-VOS-LE-C-8MM Datasheet
1Mb / 2P
   Accessory camera lens
VOS-LE-C-25MM PF-VOS-LE-C-25MM Datasheet
621Kb / 2P
   Accessory camera lens
VOS-LE-C-12MM PF-VOS-LE-C-12MM Datasheet
640Kb / 2P
   Accessory camera lens
VOS-LE-C-35MM PF-VOS-LE-C-35MM Datasheet
689Kb / 2P
   Accessory camera lens
VOS-LE-C-16MM PF-VOS-LE-C-16MM Datasheet
761Kb / 2P
   Accessory camera lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com