Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72012CU-XXX Datasheet(PDF) 20 Page - NEC

Part # UPD72012CU-XXX
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012CU-XXX Datasheet(HTML) 20 Page - NEC

Back Button UPD72012CU-XXX Datasheet HTML 16Page - NEC UPD72012CU-XXX Datasheet HTML 17Page - NEC UPD72012CU-XXX Datasheet HTML 18Page - NEC UPD72012CU-XXX Datasheet HTML 19Page - NEC UPD72012CU-XXX Datasheet HTML 20Page - NEC UPD72012CU-XXX Datasheet HTML 21Page - NEC UPD72012CU-XXX Datasheet HTML 22Page - NEC UPD72012CU-XXX Datasheet HTML 23Page - NEC UPD72012CU-XXX Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
Data Sheet S13918EJ3V0DS
µPD72012
(4/4)
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
7
bDeviceRemovable
1
Uses a bitmap to show whether or not removable
devices are connected to HUB ports.
“1” shows that the connected device is non-
removable, and “0” shows that it is removable. Set
“1” if a port that is used cannot be connected nor
disconnected using an external circuit.
Note that, if a non-removable device is connected to
a downstream port of the HUB, bit 2 of
wHubCharacteristics field should be set to “1”.
When the number of ports that can be port enabled
is limited by the PVSEL pin setting or Mask ROM
code product settings, set “0” for all ports that are
not port enabled. The meaning of the bitmap is as
follows.
Bit 0:
Always set to “0”.
Bit 1:
If “1”, the device connected to port 1 is
non-removable.
Bit 2:
If “1”, the device connected to port 2 is
non-removable.
Bit 3:
If “1”, the device connected to port 3 is
non-removable.
Bit 4:
If “1”, the device connected to port 4 is
non-removable.
Bit 5:
If “1”, the device connected to port 5 is
non-removable.
Bits 7,6: Always set to “0”.
For a standard ROM code product (003, 004), all
ports are removable.
0x00
0x00
0xXX
8
bPortPwrCtrlMask
1
This field exists for reasons of compatibility with
software written for 1.0 compliant devices. All bits in
this field should be set to 1B.
0xFF
0xFF
0xFF


Similar Part No. - UPD72012CU-XXX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72012CU-XXX RENESAS-UPD72012CU-XXX Datasheet
545Kb / 38P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD72012CU-XXX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
[Old version datasheet]   UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NXP Semiconductors
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
PDIUSBH11A PHILIPS-PDIUSBH11A Datasheet
157Kb / 28P
   Universal Serial Bus Hub
1999 Jul 22
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
PDIUSBH11 PHILIPS-PDIUSBH11 Datasheet
146Kb / 26P
   Universal Serial Bus Hub
1997 Aug 01
ISP1123 PHILIPS-ISP1123 Datasheet
1Mb / 49P
   Universal Serial Bus compound hub
Rev. 01-5 October 1999
logo
Cypress Semiconductor
CY7C65100 CYPRESS-CY7C65100 Datasheet
207Kb / 12P
   Four-port Universal Serial Bus Fixed-function Hub Controller
logo
NXP Semiconductors
ISP1130 PHILIPS-ISP1130 Datasheet
1Mb / 68P
   Universal Serial Bus compound hub with integrated keyboard controller
Rev. 01-23 March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com