Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD43256BGW-A12X-9JL Datasheet(PDF) 11 Page - NEC

Part # UPD43256BGW-A12X-9JL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BGW-A12X-9JL Datasheet(HTML) 11 Page - NEC

Back Button UPD43256BGW-A12X-9JL Datasheet HTML 7Page - NEC UPD43256BGW-A12X-9JL Datasheet HTML 8Page - NEC UPD43256BGW-A12X-9JL Datasheet HTML 9Page - NEC UPD43256BGW-A12X-9JL Datasheet HTML 10Page - NEC UPD43256BGW-A12X-9JL Datasheet HTML 11Page - NEC UPD43256BGW-A12X-9JL Datasheet HTML 12Page - NEC UPD43256BGW-A12X-9JL Datasheet HTML 13Page - NEC UPD43256BGW-A12X-9JL Datasheet HTML 14Page - NEC UPD43256BGW-A12X-9JL Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
µPD43256B-X
Data Sheet M11012EJ4V0DS
Write Cycle (1/2)
Parameter
Symbol
VCC
≥ 4.5 V
Unit
Con-
µPD43256B-70X
µPD43256B-85X
µPD43256B-AxxX
µPD43256B-BxxX
dition
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Write cycle time
tWC
70
85
100
ns
/CS to end of write
tCW
60
70
80
ns
Address valid to end of write
tAW
60
70
80
ns
Write pulse width
tWP
55
60
70
ns
Data valid to end of write
tDW
30
35
40
ns
Data hold time
tDH
555
ns
Address setup time
tAS
000
ns
Write recovery time
tWR
000
ns
/WE to output in high impedance
tWHZ
30
30
35
ns
Note
Output active from end of write
tOW
555
ns
Note
See the output load.
Remark These AC characteristics are in common regardless of package types and L, LL versions.
Write Cycle (2/2)
Parameter
Symbol
VCC
≥ 3.0 V
VCC
≥ 2.7 V
Unit
Con-
µPD43256B-
A85X
µPD43256B-
A10X
µPD43256B-
A12X
µPD43256B-
B10X
µPD43256B-
B12X
µPD43256B-
B15X
dition
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Write cycle time
tWC
85
100
120
100
120
150
ns
/CS to end of write
tCW
70
70
90
70
90
100
ns
Address valid to
end of write
tAW
70
70
90
70
90
100
ns
Write pulse width
tWP
60
60
80
60
80
90
ns
Data valid to end
of write
tDW
60
60
70
60
70
80
ns
Data hold time
tDH
555555
ns
Address setup time
tAS
000000
ns
Write recovery time
tWR
000000
ns
/WE to output in
high impedance
tWHZ
35
35
40
35
40
40
ns
Note
Output active
from end of write
tOW
555555
ns
Note
See the output load.
Remark These AC characteristics are in common regardless of package types.


Similar Part No. - UPD43256BGW-A12X-9JL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256BGW-A12X-9JL NEC-UPD43256BGW-A12X-9JL Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
UPD43256BGW-A12X-9JL RENESAS-UPD43256BGW-A12X-9JL Datasheet
659Kb / 22P
   MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD43256BGW-A12X-9JL-A NEC-UPD43256BGW-A12X-9JL-A Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
UPD43256BGW-A12X-9JL-A RENESAS-UPD43256BGW-A12X-9JL-A Datasheet
659Kb / 22P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD43256BGW-A12X-9JL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com