Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD43256BGW-85X-9JL Datasheet(PDF) 5 Page - NEC

Part # UPD43256BGW-85X-9JL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BGW-85X-9JL Datasheet(HTML) 5 Page - NEC

  UPD43256BGW-85X-9JL Datasheet HTML 1Page - NEC UPD43256BGW-85X-9JL Datasheet HTML 2Page - NEC UPD43256BGW-85X-9JL Datasheet HTML 3Page - NEC UPD43256BGW-85X-9JL Datasheet HTML 4Page - NEC UPD43256BGW-85X-9JL Datasheet HTML 5Page - NEC UPD43256BGW-85X-9JL Datasheet HTML 6Page - NEC UPD43256BGW-85X-9JL Datasheet HTML 7Page - NEC UPD43256BGW-85X-9JL Datasheet HTML 8Page - NEC UPD43256BGW-85X-9JL Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
µPD43256B-X
Data Sheet M11012EJ4V0DS
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
–0.5
Note to +7.0
V
Input / Output voltage
VT
–0.5
Note to VCC + 0.5
V
Operating ambient temperature
TA
–25 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Note –3.0 V (MIN.) (Pulse width : 50 ns)
Caution
Exposing the device to stress above those listed in Absolute Maximum Rating could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol Condition
µPD43256B-xxX
µPD43256B-AxxX
µPD43256B-BxxX
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Supply voltage
VCC
4.5
5.5
3.0
5.5
2.7
5.5
V
High level input voltage
VIH
2.4
VCC+0.5
2.4
VCC+0.5
2.4
VCC+0.5
V
Low level input voltage
VIL
–0.3
Note
+0.6
–0.3
Note
+0.4
–0.3
Note
+0.4
V
Operating ambient temperature
TA
–25
+85
–25
+85
–25
+85
°C
Note –3.0 V (MIN.) (Pulse width: 50 ns)
Capacitance (TA = 25
°°°°C, f = 1 MHz)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
VIN = 0 V
5
pF
Input / Output capacitance
CI/O
VI/O = 0 V
8
pF
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These parameters are periodically sampled and not 100% tested.


Similar Part No. - UPD43256BGW-85X-9JL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256BGW-85X-9JL NEC-UPD43256BGW-85X-9JL Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
UPD43256BGW-85X-9JL RENESAS-UPD43256BGW-85X-9JL Datasheet
659Kb / 22P
   MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD43256BGW-85X-9JL-A NEC-UPD43256BGW-85X-9JL-A Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
UPD43256BGW-85X-9JL-A RENESAS-UPD43256BGW-85X-9JL-A Datasheet
659Kb / 22P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD43256BGW-85X-9JL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com