Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE56612-45GW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE56612-45GW
Description  Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56612-45GW Datasheet(HTML) 4 Page - NXP Semiconductors

  NE56612-45GW Datasheet HTML 1Page - NXP Semiconductors NE56612-45GW Datasheet HTML 2Page - NXP Semiconductors NE56612-45GW Datasheet HTML 3Page - NXP Semiconductors NE56612-45GW Datasheet HTML 4Page - NXP Semiconductors NE56612-45GW Datasheet HTML 5Page - NXP Semiconductors NE56612-45GW Datasheet HTML 6Page - NXP Semiconductors NE56612-45GW Datasheet HTML 7Page - NXP Semiconductors NE56612-45GW Datasheet HTML 8Page - NXP Semiconductors NE56612-45GW Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
NE56610/11/12 Series
System Reset
February 23, 2001
4 of 9
document number here
Typical Performance Curves
Figure 1. Normalized Detection versus Temperature
Figure 2. Circuit ON Current versus Temperature
Figure 3.Detection Hysteresis versus Temperature
Figure 4. Circuit OFF Current versus Temperature
Figure 5. Low-Level Output Voltage versus Temperature
Figure 6. Operating Supply Voltage versus Temperature
-50
-25
0
25
50
75
100
125
-0.10
0.00
0.05
0.10
-0.05
TA, TEMPERATURE (°C)
Threshold Normalized to 25
°C
RL (Pull-Up to VCC) 470
VOL
≤ 0.4V
100
200
300
400
500
-50
-25
0
25
50
75
100
125
TA, TEMPERATURE (°C)
VCC = VS min. -0.05V
RL =
4 0
5 0
6 0
7 0
-50
-25
0
25
50
75
100
125
80
TA, TEMPERATURE (°C)
∆VS = VSH - VSL
RL (Pull-Up to VCC) = 470
TA, TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
10
15
20
25
30
RL =
VCC = VS typ. +0.85V
TA, TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
40
60
80
100
120
RL (Pull-Up to VCC) 470
VCC = VS min. -0.05V
TA, TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
400
500
600
700
800
900
RL4.7k
VOL
≤ 0.4V


Similar Part No. - NE56612-45GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE566 PHILIPS-NE566 Datasheet
50Kb / 5P
   Function generator
April 15, 1992
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
NE56604-42D PHILIPS-NE56604-42D Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
NE56605-42D PHILIPS-NE56605-42D Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
More results

Similar Description - NE56612-45GW

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Pentair plc. All rights...
WPX-BB PENTAIR-WPX-BB Datasheet
206Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
logo
Unity Opto Technology
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
MAL-C002R UOT-MAL-C002R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
   Sense a variety of environmental information
logo
ATMEL Corporation
AT88SC0104CA-SH-T ATMEL-AT88SC0104CA-SH-T Datasheet
289Kb / 23P
   One of a family of devices with user memories from 1Kbit to 8Kbits
logo
Omron Electronics LLC
F3W-D OMRON-F3W-D Datasheet
1Mb / 12P
   Compact, Resistant to Mutual Interference, and Ideal for Picking a Variety of Parts.
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com