Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD29F064115F9-CD6 Datasheet(PDF) 15 Page - NEC

Part # UPD29F064115F9-CD6
Description  64M-BIT CMOS LOW-VOLTAGE DUAL OPERATION FLASH MEMORY 4M-WORD BY 16-BIT (WORD MODE) PAGE MODE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD29F064115F9-CD6 Datasheet(HTML) 15 Page - NEC

Back Button UPD29F064115F9-CD6 Datasheet HTML 11Page - NEC UPD29F064115F9-CD6 Datasheet HTML 12Page - NEC UPD29F064115F9-CD6 Datasheet HTML 13Page - NEC UPD29F064115F9-CD6 Datasheet HTML 14Page - NEC UPD29F064115F9-CD6 Datasheet HTML 15Page - NEC UPD29F064115F9-CD6 Datasheet HTML 16Page - NEC UPD29F064115F9-CD6 Datasheet HTML 17Page - NEC UPD29F064115F9-CD6 Datasheet HTML 18Page - NEC UPD29F064115F9-CD6 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet M16062EJ2V0DS
15
µµµµPD29F064115-X
Notes 1. Both these read / reset commands reset the device to the read mode.
2. Programming is suspended if B0H is input to the bank address being programmed to in a program
operation.
3. Programming is resumed if 30H is input to the bank address being suspended to in a program-suspend
operation.
4. If automatic erase resume and suspend are repeated at intervals of less than 100
µ s, since it will become
suspend operation, without starting automatic erase, the erase operation may not be correctly completed.
5. Erasure is suspended if B0H is input to the bank address being erased in a sector erase operation.
6. Erasure is resumed if 30H is input to the bank address being suspended in a sector-erase-suspend
operation.
7. Valid only in the Unlock Bypass mode.
8. Valid only in /RESET = VID (except in the Extra One Time Protect Sector mode).
9. The command sequence that protects a sector group is excluded.
10. Valid only in the Extra One Time Protect Sector mode.
11. This command can be used even if this data is F0H.
Remarks 1. The system should generate the following address pattern:
555H or 2AAH (A10 to A0)
2. RA
: Read address
RD
: Read data
IA
: Address input as follows
Information
A21 to A12
A11 to A4
A3 to A0
Manufacturer code
Bank address
Don’t care
0000
Device code
Bank address
Don’t care
0001
Sector group protection information
Sector group address
Don’t care
0010
Read mode register information
Bank address
Don’t care
0100
ID
: Code output. For the manufacture code, device code and sector group protection information,
refer to the Product ID code (Manufacture Code / Device Code). For read mode register
information, refer to PAGE MODE FLASH MEMORY, BURST MODE FLASH MEMORY
Information (M15451E).
PA
: Program address
PD
: Program data
SA
: Erase sector address. The sector to be erased is selected by the combination of A21 to A12.
Refer to the Sector Organization / Sector Address Table.
BA
: Bank address. Refer to the Sector Organization / Sector Address Table.


Similar Part No. - UPD29F064115F9-CD6

ManufacturerPart #DatasheetDescription
logo
NEC
UPD29F032202AL-X NEC-UPD29F032202AL-X Datasheet
272Kb / 48P
   DUAL OPERATION FLASH MEMORY 32M BITS A SERIES
More results

Similar Description - UPD29F064115F9-CD6

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL324 AMICC-A29DL324 Datasheet
556Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323 AMICC-A29DL323 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
logo
NEC
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C64000JL NEC-UPD23C64000JL Datasheet
255Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com