Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD8871 Datasheet(PDF) 4 Page - NEC

Part No. UPD8871
Description  10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8871 Datasheet(HTML) 4 Page - NEC

  UPD8871 Datasheet HTML 1Page - NEC UPD8871 Datasheet HTML 2Page - NEC UPD8871 Datasheet HTML 3Page - NEC UPD8871 Datasheet HTML 4Page - NEC UPD8871 Datasheet HTML 5Page - NEC UPD8871 Datasheet HTML 6Page - NEC UPD8871 Datasheet HTML 7Page - NEC UPD8871 Datasheet HTML 8Page - NEC UPD8871 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet S15329EJ2V0DS
4
µµµµPD8871
PHOTOCELL STRUCTURE DIAGRAM
PHOTOCELL ARRAY STRUCTURE DIAGRAM
(Line spacing)
µm
2
µm
2
Channel stopper
Aluminum
shield
Blue photocell array
4 m
µ
Green photocell array
4 m
µ
Red photocell array
4 m
µ
8 lines
(32 m)
µ
8 lines
(32 m)
µ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn