Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD29F064115GZ-EB90X-MJH Datasheet(PDF) 24 Page - NEC

Part # UPD29F064115GZ-EB90X-MJH
Description  64M-BIT CMOS LOW-VOLTAGE DUAL OPERATION FLASH MEMORY 4M-WORD BY 16-BIT (WORD MODE) PAGE MODE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD29F064115GZ-EB90X-MJH Datasheet(HTML) 24 Page - NEC

Back Button UPD29F064115GZ-EB90X-MJH Datasheet HTML 20Page - NEC UPD29F064115GZ-EB90X-MJH Datasheet HTML 21Page - NEC UPD29F064115GZ-EB90X-MJH Datasheet HTML 22Page - NEC UPD29F064115GZ-EB90X-MJH Datasheet HTML 23Page - NEC UPD29F064115GZ-EB90X-MJH Datasheet HTML 24Page - NEC UPD29F064115GZ-EB90X-MJH Datasheet HTML 25Page - NEC UPD29F064115GZ-EB90X-MJH Datasheet HTML 26Page - NEC UPD29F064115GZ-EB90X-MJH Datasheet HTML 27Page - NEC UPD29F064115GZ-EB90X-MJH Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Data Sheet M16062EJ2V0DS
24
µµµµPD29F064115-X
Package Drawings
NOTES
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
48-PIN PLASTIC TSOP (I) (12x20)
ITEM
MILLIMETERS
A
B
C
E
I
12.0
±0.1
0.5 (T.P.)
0.1
±0.05
0.45 MAX.
K
1.2 MAX.
18.4
±0.1
0.145
±0.05
F
0.10
M
D
0.22
±0.05
1)
"A" excludes mold flash. (Includes mold flash : 12.4 mm MAX.)
2)
C
R
S
D
K
M
M
L
1.0
±0.05
G
L
0.5
0.10
N
P
20.0
±0.2
Q3
°+5°
−3°
0.25
R
S48GZ-50-MJH-1
S
0.60
±0.15
J
0.8
±0.2
S
Q
N
B
E
G
F
J
detail of lead end
1
24
48
25
S
A
I
P


Similar Part No. - UPD29F064115GZ-EB90X-MJH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD29F032202AL-X NEC-UPD29F032202AL-X Datasheet
272Kb / 48P
   DUAL OPERATION FLASH MEMORY 32M BITS A SERIES
More results

Similar Description - UPD29F064115GZ-EB90X-MJH

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL324 AMICC-A29DL324 Datasheet
556Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323 AMICC-A29DL323 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
logo
NEC
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C64000JL NEC-UPD23C64000JL Datasheet
255Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com