Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD120N15TA Datasheet(PDF) 9 Page - NEC

Part # UPD120N15TA
Description  THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD120N15TA Datasheet(HTML) 9 Page - NEC

Back Button UPD120N15TA Datasheet HTML 5Page - NEC UPD120N15TA Datasheet HTML 6Page - NEC UPD120N15TA Datasheet HTML 7Page - NEC UPD120N15TA Datasheet HTML 8Page - NEC UPD120N15TA Datasheet HTML 9Page - NEC UPD120N15TA Datasheet HTML 10Page - NEC UPD120N15TA Datasheet HTML 11Page - NEC UPD120N15TA Datasheet HTML 12Page - NEC UPD120N15TA Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
S17145EJ2V0DS
9
µPD120Nxx Series
VDIF vs. TJ
IOpeak vs. VDIF (
µ PD120N15)
0
0.2
0.4
0.6
0.8
1
-25
0
25
50
75
100
125
150
IO = 0.15 A
µPD120N15
µPD120N25
µPD120N18
µPD120N33
TJ - Operating Junction Temperature -
°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01
2
3
45
TJ = 0°C
TJ = 25°C
TJ = 125°C
VDIF - Dropout Voltage - V
IOpeak vs. VDIF (
µ PD120N18)
IOpeak vs. VDIF (
µ PD120N25)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01
2
3
45
TJ = 0°C
TJ = 25°C
TJ = 125°C
VDIF - Dropout Voltage - V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01234
TJ = 0°C
TJ = 25°C
TJ = 125°C
VDIF - Dropout Voltage - V
IOpeak vs. VDIF (
µ PD120N33)
R•R vs. f
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01
23
TJ = 0°C
TJ = 25°C
TJ = 125°C
VDIF - Dropout Voltage - V
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
TJ = 25°C
IO = 0.15 A
µPD120N25
µPD120N15
f - Frequency - Hz


Similar Part No. - UPD120N15TA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120N15TA RENESAS-UPD120N15TA Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
More results

Similar Description - UPD120N15TA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com