Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD29F064115GZ-DB80X-MJH Datasheet(PDF) 22 Page - NEC

Part # UPD29F064115GZ-DB80X-MJH
Description  64M-BIT CMOS LOW-VOLTAGE DUAL OPERATION FLASH MEMORY 4M-WORD BY 16-BIT (WORD MODE) PAGE MODE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD29F064115GZ-DB80X-MJH Datasheet(HTML) 22 Page - NEC

Back Button UPD29F064115GZ-DB80X-MJH Datasheet HTML 18Page - NEC UPD29F064115GZ-DB80X-MJH Datasheet HTML 19Page - NEC UPD29F064115GZ-DB80X-MJH Datasheet HTML 20Page - NEC UPD29F064115GZ-DB80X-MJH Datasheet HTML 21Page - NEC UPD29F064115GZ-DB80X-MJH Datasheet HTML 22Page - NEC UPD29F064115GZ-DB80X-MJH Datasheet HTML 23Page - NEC UPD29F064115GZ-DB80X-MJH Datasheet HTML 24Page - NEC UPD29F064115GZ-DB80X-MJH Datasheet HTML 25Page - NEC UPD29F064115GZ-DB80X-MJH Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Data Sheet M16062EJ2V0DS
22
µµµµPD29F064115-X
Write Cycle (Program / Erase)
(1/2)
Parameter
Symbol
-DB80X
-DB85X
-EB90X
Unit
Note
-EB85X
MIN. TYP. MAX. MIN. TYP. MAX. MIN. TYP. MAX.
Write cycle time
tWC
80
85
90
ns
Address setup time (/WE to address)
tAS
000
ns
Address setup time (/CE to address)
tAS
000
ns
Address hold time (/WE to address)
tAH
45
45
45
ns
Address hold time (/CE to address)
tAH
45
45
45
ns
Input data setup time
tDS
45
45
45
ns
Input data hold time
tDH
000
ns
/OE hold time
Read
tOEH
000
ns
Toggle bit, Data polling
10
10
10
Read recovery time before write (/OE to /CE)tGHEL
000
ns
Read recovery time before write (/OE to /WE)tGHWL
000
ns
/WE setup time (/CE to /WE)
tWS
000
ns
/CE setup time (/WE to /CE)
tCS
000
ns
/WE hold time (/CE to /WE)
tWH
000
ns
/CE hold time (/WE to /CE)
tCH
000
ns
Write pulse width
tWP
35
35
35
ns
/CE pulse width
tCP
35
35
35
ns
Write pulse width high
tWPH
30
30
30
ns
/CE pulse width high
tCPH
30
30
30
ns
Word programming operation time
tWPG
11
200
11
200
11
200
µs
Chip programming operation time
tCPG
47
840
47
840
47
840
s
Sector erase
4K words sector
tSER
0.15
1.0
0.15
1.0
0.15
1.0
s
1,2
operation time
32K words sector
0.5
1.5
0.5
1.5
0.5
1.5
4K words sector
0.5
3.0
0.5
3.0
0.5
3.0
1,3
32K words sector
0.7
5.0
0.7
5.0
0.7
5.0
Chip erase operation time
tCER
65.4
205
65.4
205
65.4
205
s
1,2
96.2
678
96.2
678
96.2
678
1,3
Accelerated programming time
tACCPG
7
150
7
150
7
150
µs
Program / erase cycle
300,000
300,000
300,000
cycle
VCC setup time
tVCS
200
200
200
µs
RY (/BY) recovery time
tRB
000
ns
/RESET pulse width
tRP
500
500
500
ns
/RESET high-voltage (VID) hold time from high of
tRRB
20
20
20
µs
RY (/BY) when sector group is temporarily unprotect
/RESET hold time
tRH
50
50
50
ns
Notes 1. The preprogramming time prior to the erase operation is not included.
2. Program / erase cycle : 100,000 cycles
3. Program / erase cycle : 300,000 cycles


Similar Part No. - UPD29F064115GZ-DB80X-MJH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD29F032202AL-X NEC-UPD29F032202AL-X Datasheet
272Kb / 48P
   DUAL OPERATION FLASH MEMORY 32M BITS A SERIES
More results

Similar Description - UPD29F064115GZ-DB80X-MJH

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL324 AMICC-A29DL324 Datasheet
556Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323 AMICC-A29DL323 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
logo
NEC
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C64000JL NEC-UPD23C64000JL Datasheet
255Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com