Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPD23C256112A Datasheet(PDF) 24 Page - NEC

Part No. UPD23C256112A
Description  NAND INTERFACE 256M-BIT MASK-PROGRAMMABLE ROM
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPD23C256112A Datasheet(HTML) 24 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Data Sheet M15902EJ2V0DS
24
µPD23C256112A
Package Drawings
NOTES
48-PIN PLASTIC TSOP(I) (12x18)
ITEM
MILLIMETERS
A
B
C
E
I
12.0
±0.1
0.5 (T.P.)
0.1
±0.05
0.45 MAX.
K
1.2 MAX.
16.4
±0.1
0.145
±0.05
F
0.10
M
D
0.22
±0.05
1. Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
2. "A" excludes mold flash. (Includes mold flash : 12.4 mm MAX.)
R
K
L
1.0
±0.05
G
L
0.5
0.10
N
P
18.0
±0.2
Q3
°+5°
−3°
0.25
R
S48GY-50-MJH1-1
S
0.60
±0.15
J
0.8
±0.2
S
Q
S
N
E
G
F
J
detail of lead end
C
D
M
M
B
A
I
P
1
24
48
25
S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn