Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M5256DFP-70VLL-I Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M5M5256DFP-70VLL-I
Description  262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5256DFP-70VLL-I Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M5256DFP-70VLL-I Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-I Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-I Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-I Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-I Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-I Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-I Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI LSIs
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5256DFP,VP,RV -70VLL-I,-85VLL-I,
-70VXL-I,-85VXL-I
'97.4.7
3
ABSOLUTE MAXIMUM RATINGS
CAPACITANCE (Ta=-40~85°C, Vcc=3.3±0.3V, unless otherwise noted)
Symbol
Parameter
Test conditions
pF
pF
Unit
Max
6
8
Typ
Min
Limits
VI=GND, VI=25mVrms, f=1MHz
VO=GND,VO=25mVrms, f=1MHz
Input capacitance
Output capacitance
CI
CO
DC ELECTRICAL CHARACTERISTICS (Ta=-40~85°C, Vcc=3.3±0.3V, unless otherwise noted)
Symbol
Parameter
V
V
V
Limits
Test conditions
Unit
V
uA
* -3.0V in case of AC ( Pulse width
≤ 30ns )
Note 0: Direction for current flowing into an IC is positive (no mark).
1: Typical value is one at Ta = 25°C.
2: CI, CO are periodically sampled and are not 100% tested.
mA
* -3.0V in case of AC ( Pulse width
≤ 30ns )
uA
uA
mA
V
Active supply current
(AC, MOS level )
Icc1
Icc2
Stand-by current
Icc4
VIH
High-level input voltage
VIL
Low-level input voltage
IO
Output current in off-state
Icc3
Stand-by current
VOH1
High-level output voltage 1
IOH=-0.5mA
VOH2
High-level output voltage 2
IOH=-0.05mA
VOL
Low-level output voltage
IOL=1mA
II
Input current
VI=0~Vcc
Vcc
+0.3
0.6
2.0
-0.3*
2.4
0.33
0.4
25
13
24
4.8
Vcc
-0.5
±1
3
1.5
-VLL
-VXL
Max
Typ
Min
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Unit
V
V
V
mW
°C
Conditions
With respect to GND
Ta=25°C
700
-40~85
-65~150
Ratings
Symbol
Vcc
VI
VO
Pd
Topr
Tstg
-0.3*~4.6
-0.3*~Vcc+0.3
0~Vcc
(Max 4.6)
/S=VIH,other inputs=0~Vcc
/S
≥Vcc-0.2V,
other inputs=0~Vcc
/S=VIH or or /OE=VIH,
VI/O=0~Vcc
1MHz
mA
/S=VIL,
other inputs=VIH or VIL
Output-open Min. cycle
Active supply current
(AC, TTL level )
/S
≤0.2V,
Other inputs<0.2V or >Vcc-0.2V
Output-open Min. cycle
°C
±1
0.05
Min.
cycle
25
14
3
1.5
1MHz
Min.
cycle


Similar Part No. - M5M5256DFP-70VLL-I

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5256DFP-70VLL-I

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz