Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPO0603 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NPO0603
Description  ceramic chip capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NPO0603 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NPO0603 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 4Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 5Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 6Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
231
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/19/03
NPO, X5R, X7R, Y5V, Z5U
ceramic chip capacitors
Capacitance values
pF
µF
Size
0402
0603
0805
1206
1210
1812
X5R capacitance voltage availability
6.3
10
16
6.3
10
16
25
6.3
10
16
25
6.3
10
16
25
6.3
10
16
25
6.3 10
16
25
6.3
2220
Capacitance tolerance available: ±10%
100
150
220
330
470
680
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
3.3
4.7
6.8
10
22
47
100


Similar Part No. - NPO0603

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NPO0603AT KOA-NPO0603AT Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
NPO0603ATTD101B KOA-NPO0603ATTD101B Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0603ATTD101C KOA-NPO0603ATTD101C Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0603ATTD101D KOA-NPO0603ATTD101D Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0603ATTP101B KOA-NPO0603ATTP101B Datasheet
161Kb / 6P
   ceramic chip capacitors
More results

Similar Description - NPO0603

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com