Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPO0603 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NPO0603
Description  ceramic chip capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NPO0603 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NPO0603 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 4Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 5Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 6Page - List of Unclassifed Manufacturers NPO0603 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
230
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/01/03
NPO, X5R, X7R, Y5V, Z5U
ceramic chip capacitors
50
100
50
100
200
50
200
50
100
200
500
25
Capacitance values
pF
µF
Code
WVDC
Size
0402*
0603*
0805
1206
1210
NPO capacitance voltage availability
16
25
50
* IR and vapor phase solder only recommended
Capacitance tolerance available:
R47 ~ 8R2 = C: ±0.25 pF, 5R6 ~ 8R2 = D ±0.5 pF, 10 ~ 393 = J ±5%, F ±1%, G ±2%
0.47
R47
0.56
R56
0.68
R68
0.82
R82
1
1R0
1.2
1R2PF
1.5
1R5PF
1.8
1R8PF
2.2
2R2PF
2.7
2R7PF
3.3
3R3PF
3.9
3R9PF
4.7
4R7PF
5.6
5R6PF
6.8
6R8PF
8.2
8R2PF
10
100PF
12
120PF
15
150PF
18
180PF
22
220PF
27
270PF
33
330PF
39
390PF
47
470PF
56
560PF
68
680PF
82
820PF
100
.0001
101PF
120
.00012
121PF
150
.00015
151PF
180
.00018
181PF
220
.00022
221PF
270
.00027
271PF
330
.00033
331PF
390
.00039
391PF
470
.00047
471PF
560
.00056
561PF
680
.00068
681PF
820
.00082
821PF
1000
.0010
102PF
1200
.0012
122PF
1500
.0015
152PF
1800
.0018
182PF
2200
.0022
222PF
2700
.0027
272PF
3300
.0033
332PF
3900
.0039
392PF
4700
.0047
472PF
5600
.0056
562PF
6800
.0068
682PF
8200
.0082
822PF
10000
.010
103PF
12000
.012
123PF
15000
.015
153PF
18000
.018
183PF
22000
.022
223PF
27000
.027
273PF
33000
.033
333PF
39000
.039
393PF


Similar Part No. - NPO0603

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NPO0603AT KOA-NPO0603AT Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
NPO0603ATTD101B KOA-NPO0603ATTD101B Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0603ATTD101C KOA-NPO0603ATTD101C Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0603ATTD101D KOA-NPO0603ATTD101D Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0603ATTP101B KOA-NPO0603ATTP101B Datasheet
161Kb / 6P
   ceramic chip capacitors
More results

Similar Description - NPO0603

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com